Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC876564A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC876564A
Description  8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876564A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC876564A Datasheet HTML 6Page - Sanyo Semicon Device LC876564A Datasheet HTML 7Page - Sanyo Semicon Device LC876564A Datasheet HTML 8Page - Sanyo Semicon Device LC876564A Datasheet HTML 9Page - Sanyo Semicon Device LC876564A Datasheet HTML 10Page - Sanyo Semicon Device LC876564A Datasheet HTML 11Page - Sanyo Semicon Device LC876564A Datasheet HTML 12Page - Sanyo Semicon Device LC876564A Datasheet HTML 13Page - Sanyo Semicon Device LC876564A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LC876572A/64A
No.6716-10/23
1. Absolute Maximum Ratings at Ta=25
°C and VSS1=VSS2=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD1,VDD2,VDD3,
VDD4
VDD1=VDD2=
VDD3=VDD4
-0.3
+7.0
VI(1)
XT1,XT2,CF1, RES
-0.3
VDD+0.3
Input voltage
VI(2)
VP
VDD-45
VDD+0.3
Output voltage
VO(1)
S0/T0 to S15/T15
VDD-45
VDD+0.3
VIO(1)
•Port 0: CMOS output
option
•Port 1
•Port 3: CMOS output
option
•Port 7
•Port 8
-0.3
VDD+0.3
VIO(2)
•Port 0 open drain
•Port 3 open drain
-0.3
15
Input/Output
voltage
VIO(3)
S16 to S51
VDD-45
VDD+0.3
V
IOPH(1)
Port 0, 1, 3
•CMOS output
selected
•Current at each pin
-10
IOPH(2)
Port71,72,73
Current at each pin
-3
IOPH(3)
S0/T0 to S15/T15
Current at each pin
-30
Peak
output
current
IOPH(4)
S16 to S51
Current at each pin
-15
ΣIOAH(1) Port 0
Total of all pins
-30
ΣIOAH(2) Port 1,3
Total of all pins
-30
ΣIOAH(3) Port 7
Total of all pins
-5
ΣIOAH(4) S0/T0 to S15/T15
Total of all pins
-65
ΣIOAH(5) S16 to S27
Total of all pins
-60
ΣIOAH(6) S28 to S39
Total of all pins
-60
High
level
output
current
Total
output
current
ΣIOAH(7) S40 to S51
Total of all pins
-60
IOPL(1)
Port 02, 03
For each pin
30
IOPL(2)
•Port 00,01,04 to 07
•Port 1,3
For each pin
20
Peak
output
current
IOPL(3)
Port 7,8
For each pin
5
ΣIOAL(1)
Port 0
For each pin
60
Low
level
output
current
Total
output
current
ΣIOAL(2)
Ports 1,3
For each pin
50
ΣIOAL(3)
Ports 7,8
For each pin
20
mA
Maximum power
dissipation
Pdmax
QIP100E
Ta = -30 to+70
°C
500
mW
Operating
temperature
range
Topr
-30
70
Storage
temperature
range
Tstg
-55
125
°C


Similar Part No. - LC876564A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876580B SANYO-LC876580B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results

Similar Description - LC876564A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com