Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC876694B Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC876694B
Description  8-Bit Single-Chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876694B Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC876694B Datasheet HTML 5Page - Sanyo Semicon Device LC876694B Datasheet HTML 6Page - Sanyo Semicon Device LC876694B Datasheet HTML 7Page - Sanyo Semicon Device LC876694B Datasheet HTML 8Page - Sanyo Semicon Device LC876694B Datasheet HTML 9Page - Sanyo Semicon Device LC876694B Datasheet HTML 10Page - Sanyo Semicon Device LC876694B Datasheet HTML 11Page - Sanyo Semicon Device LC876694B Datasheet HTML 12Page - Sanyo Semicon Device LC876694B Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LC876694B/78B/62B
No.6843-9/23
Port Output Configuration
Output configuration and pull-up/pull-down resistor options are shown in the following table.
Input /output is possible even when port is set to output mode.
Terminal
Option applies to: Options
Output Format
Pull-up resistor
Pull-down
resistor
1
CMOS
Programmable
(Note 1)
-
P00 to P07
1 bit units
2
15 voltage Nch-open drain
None
-
1
CMOS
Programmable
-
P10 to P17
each bit
2
Nch-open drain
Programmable
-
1
CMOS
Programmable
-
P30 to P37
each bit
2
15V Nch-open drain
None
-
P70
-
None
Nch-open drain
Programmable
-
P71 to P73
-
None
CMOS
Programmable
-
P80 to P87
-
None
Nch-open drain
None
-
1
High voltage Pch-open drain
-
Fixed
S0/T0 to S6/T6
each bit
2
High voltage Pch-open drain
-
None
S7/T7 to S15/T15
S16 to S31
-
None
High voltage Pch-open drain
-
fixed
1
High voltage Pch-open drain
-
Fixed
S32 to S47
each bit
2
High voltage Pch-open drain
-
None
S48 to S51
-
None
High voltage Pch-open drain
-
None
XT1
-
None
Input only
None
-
XT2
-
None
Output for 32.768kHz crystal
oscillation
None
-
Note 1 Programmable pull-up resisters of Port 0 can be attatched in nibble units (P00-03, P04-07).
* Note 1: Connect as follows to reduce noise on VDD and increase the back-up time.
VSS1, and VSS2 must be connected together and grounded.
*Note 2 : The power supply for the internal memory is VDD1 but it uses the VDD2 as the power supply for ports. When the
VDD2 is not backed up, the port level does not become “H” even if the port latch is in the “H” level. Therefore,
when the VDD2 is not backed up and the port latch is “H” level, the port level is unstable in the HOLD mode, and
the back up time becomes shorter because the through current runs from VDD to GND in the input buffer.
If VDD2 is not backed up, output “L” by the program or pull the port to “L” by the external circuit in the HOLD
mode so that the port level becomes “L” level and unnecessary current consumption is prevented.
Back-up capacitors *2
Power
Supply
LSI
VDD1
VDD2
VDD3
VSS2
VSS1
VDD4
VFD
Powers


Similar Part No. - LC876694B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876696A SANYO-LC876696A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC876694B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com