Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC8900KQ Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC8900KQ
Description  Digital Audio Interface Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8900KQ Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC8900KQ Datasheet HTML 3Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 4Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 5Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 6Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 7Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 8Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 9Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 10Page - Sanyo Semicon Device LC8900KQ Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DATA
(1) The relationship between the data input pins and the data select pins are shown in the table below.
• Each input pin has an internal amplification circuit. Therefore the signal with the amplitude of 400 m VP-P up to
VDD+0.3 V can be input to this LSI chip. However, in the case of coaxial cable or optical module input the application
will change as the sample application circuit shown later.
• Connect to the unused input pin to the GND or VDD.
(2) The relationship between the OUTMODE pin and the two output data formats is shown in the table below.
• IF an error is detected in an input data, that input data is not output. Instead, the previous data will be output.
• The data output is synchronized with falling edge of the bit clock.
• IF the PLL is in the Lock state, the 384 Fs or 256 Fs clock that is synchronized with the output data will be output.
Note that the duty is of the 256 Fs clock is 'H:L = 2:1'. It is not 'H:L = 1:1'.
Sub Codes
The sub code output consists of the copy inhibit signal, emphasis mode signal, sampling frequency signal, validity flag
signal and user’s bit. The table below details these sub code outputs.
Clock Modes
The control clock is specified by the VCO. The VCO has two modes: self oscillation mode and PLL mode as shown
below.
• When the STOP pin is changed to the high level, the PLL functional circuit block stops its operation and the entire
circuit operation is then forced to stop. The entire circuit will start the normal operation again when the STOP pin is
changed to the low level.
• If the LOCK operation is not activated in a certain fixed time period after the PLL enters the lock-up state:
Reinitialize the PLL functional circuit block to active the lock-up mode. This should be done to prevent the PLL lock
error.
No. 4128-7/12
LC8900KQ
COPY inhibit signal
COPY pin level = high:Copy not inhibited.
COPY pin level = low:Copy inhibited.
Emphasis mode signal
EMPHA pin level = high:Emphasis mode.
EMPHA pin level = low:Non emphasis mode.
BSA pin level = high:32 kHz sampling frequency
Sampling frequency
CD pin level = high:44.1 kHz sampling frequency
BSB pin level = high:48 kHz sampling frequency
Validity flag signal
This signal is output from the V pin in sub frame unit.
User’s bit
This signal is output from the U pin in sub frame unit.
Self oscillation mode
• XMODE pin level=low
• The VCO continues its oscillation according to the VIN pin potential. BCLK,
LRCK, and FS256 clocks are not effective.
• No data input
• The VCO continues its oscillation according to the VIN pin potential. FS384,
BCLK, LRCK, and FS256 clocks output.
PLL mode
• Data input with the XMODE pin level=high
• The PLL block and the entire circuit are in the normal operation state.
SEL1
SEL2
DOUT
DIN1
L
L
DIN1 data output
DIN2
L
H
DIN2 data output
DIN3
H
L
DIN3 data output
DIN4
H
H
low level signal output
(fixed level output)
OUTMODE pin
H
20-bit LSB first data output format
L
16-bit MSB first data output format


Similar Part No. - LC8900KQ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8901Q SANYO-LC8901Q Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8902 SANYO-LC8902 Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8902Q SANYO-LC8902Q Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
More results

Similar Description - LC8900KQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com