Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1102 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF1102
Description  Dual N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1102 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF1102_00 Datasheet HTML 2Page - NXP Semiconductors BF1102_00 Datasheet HTML 3Page - NXP Semiconductors BF1102_00 Datasheet HTML 4Page - NXP Semiconductors BF1102_00 Datasheet HTML 5Page - NXP Semiconductors BF1102_00 Datasheet HTML 6Page - NXP Semiconductors BF1102_00 Datasheet HTML 7Page - NXP Semiconductors BF1102_00 Datasheet HTML 8Page - NXP Semiconductors BF1102_00 Datasheet HTML 9Page - NXP Semiconductors BF1102_00 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Apr 11
6
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FETs
BF1102; BF1102R
handbook, halfpage
020
60
25
0
5
20
15
10
MGS364
40
ID
(mA)
IG1 (µA)
Fig.7
Drain current as a function of gate 1 current;
typical values.
VDS = 5 V; VG2-S = 4 V; Tj =25 °C.
handbook, halfpage
0
15
10
5
0
1
MGS365
23
5
4
ID
(mA)
VGG (V)
Fig.8
Drain current as a function of gate 1 supply
voltage (= VGG); typical values.
VDS = 5 V; VG2-S = 4 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.20.
handbook, halfpage
010
30
0
10
20
MGS366
2468
ID
(mA)
VGG = VDS (V)
RG1 = 47 kΩ
68 k
82 k
100 k
120 k
150 k
180 k
220 k
Fig.9
Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
VG2-S = 4 V; Tj =25 °C.
RG1 connected to VGG; see Fig.20.
handbook, halfpage
02
6
20
0
16
MGS367
4
12
8
4
VG2-S (V)
ID
(mA)
4.5 V
4 V
3.5 V
3 V
VG1-S = 5 V
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.20.
Fig.10 Drain current as a function of gate 2
voltage; typical values.


Similar Part No. - BF1102_00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102(R) NXP-BF1102(R) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
CoolCox Limited All rig...
BF11025 COOLCOX-BF11025 Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12D COOLCOX-BF11025H12D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12S COOLCOX-BF11025H12S Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H24D COOLCOX-BF11025H24D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
More results

Similar Description - BF1102_00

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1203 JMNIC-BF1203_15 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FETs
BF1102_2015 JMNIC-BF1102_2015 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1102 JMNIC-BF1102_15 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com