Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI824X Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI824X
Description  CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI824X Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI824X_11 Datasheet HTML 3Page - Silicon Laboratories SI824X_11 Datasheet HTML 4Page - Silicon Laboratories SI824X_11 Datasheet HTML 5Page - Silicon Laboratories SI824X_11 Datasheet HTML 6Page - Silicon Laboratories SI824X_11 Datasheet HTML 7Page - Silicon Laboratories SI824X_11 Datasheet HTML 8Page - Silicon Laboratories SI824X_11 Datasheet HTML 9Page - Silicon Laboratories SI824X_11 Datasheet HTML 10Page - Silicon Laboratories SI824X_11 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Si824x
Rev. 0.2
7
2.1. Test Circuits
Figures 2 and 3 depict sink current and source current test circuits.
Figure 2. Sink Current Test Circuit
Figure 3. Source Current Test Circuit
INPUT
1 µF
100 µF
10
RSNS
0.1
Si824x
1 µF
CER
10 µF
EL
VDDA = VDDB = 15 V
IN_
OUT_
VSS
VDD
SCHOTTKY
50 ns
200 ns
Measure
INPUT WAVEFORM
GND
VDDI
VDDI
(5 V)
5 V
+
_
INPUT
1 µF
100 µF
10
RSNS
0.1
Si824x
1 µF
CER
10 µF
EL
VDDA = VDDB = 15 V
IN_
OUT_
VSS
VDD
50 ns
200 ns
Measure
INPUT WAVEFORM
GND
VDDI
SCHOTTKY
VDDI
(5 V)
5 V
+
_


Similar Part No. - SI824X_11

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results

Similar Description - SI824X_11

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
   DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
   Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com