Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8241BB-B-IS1 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si8241BB-B-IS1
Description  CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8241BB-B-IS1 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si8241BB-B-IS1 Datasheet HTML 4Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 11Page - Silicon Laboratories Si8241BB-B-IS1 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Si824x
8
Rev. 0.2
Table 2. Absolute Maximum Ratings1
Parameter
Symbol
Min
Typ
Max
Units
Storage Temperature2
TSTG
–65
+150
°C
Ambient Temperature under Bias
TA
–40
+125
°C
Input-side Supply Voltage
VDDI
–0.6
6.0
V
Driver-side Supply Voltage
VDDA, VDDB
–0.6
30
V
Voltage on any Pin with respect to Ground
VIN
–0.5
VDD + 0.5
V
Output Drive Current per Channel
IO
——
10
mA
Lead Solder Temperature (10 sec)
260
°C
Latchup Immunity3
——
100
V/ns
Maximum Isolation (Input to Output)
2500
VRMS
Maximum Isolation (Output to Output)
1500
VRMS
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. VDE certifies storage temperature from –40 to 150 °C.
3. Latchup immunity specification is for slew rate applied across GNDI and GNDA or GNDB.
Table 3. Regulatory Information*
CSA
The Si824x is certified under CSA Component Acceptance Notice 5A. For more details, see File 232873.
61010-1: Up to 300 VRMS reinforced insulation working voltage; up to 600 VRMS basic insulation working voltage.
60950-1: Up to 300 VRMS reinforced insulation working voltage; up to 600 VRMS basic insulation working voltage.
VDE
The Si824x is certified according to IEC 60747-5-2. For more details, see File 5006301-4880-0001.
60747-5-2: Up to 560 Vpeak for basic insulation working voltage.
UL
The Si824x is certified under UL1577 component recognition program. For more details, see File E257455.
Rated up to 2500 VRMS isolation voltage for basic protection.
*Note: Regulatory Certifications apply to 2.5 kVRMS rated devices, which are production tested to 3.0 kVRMS for 1 sec.
For more information, see "6.Ordering Guide" on page 25.


Similar Part No. - Si8241BB-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8241 SILABS-SI8241 Datasheet
1Mb / 12P
   PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
logo
Skyworks Solutions Inc.
SI8241 SKYWORKS-SI8241 Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results

Similar Description - Si8241BB-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
   DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
   Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com