Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGD814 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGD814
Description  860 MHz, 20 dB gain power doubler amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGD814 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGD814_01 Datasheet HTML 1Page - NXP Semiconductors BGD814_01 Datasheet HTML 2Page - NXP Semiconductors BGD814_01 Datasheet HTML 3Page - NXP Semiconductors BGD814_01 Datasheet HTML 4Page - NXP Semiconductors BGD814_01 Datasheet HTML 5Page - NXP Semiconductors BGD814_01 Datasheet HTML 6Page - NXP Semiconductors BGD814_01 Datasheet HTML 7Page - NXP Semiconductors BGD814_01 Datasheet HTML 8Page - NXP Semiconductors BGD814_01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 2001 Sep 07
2001 Nov 01
DISCRETE SEMICONDUCTORS
BGD814
860 MHz, 20 dB gain power
doubler amplifier
ndbook, halfpage
M3D252


Similar Part No. - BGD814_01

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD814 JMNIC-BGD814_15 Datasheet
78Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
BGD814_2015 JMNIC-BGD814_2015 Datasheet
78Kb / 12P
   860 MHz, 20 dB gain power
More results

Similar Description - BGD814_01

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD804 JMNIC-BGD804_15 Datasheet
67Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
BGD804_2015 JMNIC-BGD804_2015 Datasheet
67Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
CGD914_2015 JMNIC-CGD914_2015 Datasheet
137Kb / 16P
   860 MHz, 20 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD904 NXP-BGD904 Datasheet
330Kb / 11P
   860 MHz, 20 dB gain power doubler amplifier
2001 Nov 01
CGD914 NXP-CGD914_01 Datasheet
510Kb / 14P
   860 MHz, 20 dB gain power doubler amplifier
2001 Nov 01
logo
Quanzhou Jinmei Electro...
BGD814 JMNIC-BGD814_15 Datasheet
78Kb / 12P
   860 MHz, 20 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD885 NXP-BGD885_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD812 JMNIC-BGD812_15 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com