Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC8904Q Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC8904Q
Description  Digital Audio Interface Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8904Q Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC8904Q Datasheet HTML 5Page - Sanyo Semicon Device LC8904Q Datasheet HTML 6Page - Sanyo Semicon Device LC8904Q Datasheet HTML 7Page - Sanyo Semicon Device LC8904Q Datasheet HTML 8Page - Sanyo Semicon Device LC8904Q Datasheet HTML 9Page - Sanyo Semicon Device LC8904Q Datasheet HTML 10Page - Sanyo Semicon Device LC8904Q Datasheet HTML 11Page - Sanyo Semicon Device LC8904Q Datasheet HTML 12Page - Sanyo Semicon Device LC8904Q Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CD Subcode Interface AC Characteristics at Ta = –30 to +75°C, VDD = 4.5 to 5.5 V
No. 5014-9/20
LC8904Q
Parameter
Symbol
Conditions
min
typ
max
Unit
SBSY block period
tB
12.0
13.3
14.7
ms
SBSY pulse width
tBW
*1
110
µs
SFSY frame period
tF
*2
90
136
165
µs
SFSY high-level pulse width
tFHW
4
µs
SFSY low-level pulse width
tFLW
1.5
µs
SBCK high-level pulse width
tCHW
*3
2.0
4.0
5.0
µs
SBCK low-level pulse width
tCLW
*3
2.0
4.0
5.0
µs
SBCK rise time
trC
30
ns
SBCK fall time
tfC
30
ns
SBCK delay time
tCD
*3
10
20
30
µs
P data access time
tPAC
3
10
µs
Data hold time
tHD
0
µs


Similar Part No. - LC8904Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8900KQ SANYO-LC8900KQ Datasheet
146Kb / 12P
   Digital Audio Interface Receiver
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8901Q SANYO-LC8901Q Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8902 SANYO-LC8902 Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8902Q SANYO-LC8902Q Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
More results

Similar Description - LC8904Q

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com