Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY585A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGY585A
Description  550 MHz, 18.2 dB gain push-pull amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGY585A Datasheet(HTML) 1 Page - NXP Semiconductors

  BGY585A_01 Datasheet HTML 1Page - NXP Semiconductors BGY585A_01 Datasheet HTML 2Page - NXP Semiconductors BGY585A_01 Datasheet HTML 3Page - NXP Semiconductors BGY585A_01 Datasheet HTML 4Page - NXP Semiconductors BGY585A_01 Datasheet HTML 5Page - NXP Semiconductors BGY585A_01 Datasheet HTML 6Page - NXP Semiconductors BGY585A_01 Datasheet HTML 7Page - NXP Semiconductors BGY585A_01 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1999 Mar 26
2001 Oct 18
DISCRETE SEMICONDUCTORS
BGY585A
550 MHz, 18.2 dB gain push-pull
amplifier
book, halfpage
M3D252


Similar Part No. - BGY585A_01

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY585A JMNIC-BGY585A_15 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
BGY585A_2015 JMNIC-BGY585A_2015 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
More results

Similar Description - BGY585A_01

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY585A_2015 JMNIC-BGY585A_2015 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
BGY585A JMNIC-BGY585A_15 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY585A NXP-BGY585A Datasheet
243Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
Rev. 6 - 29 September 2010
logo
Quanzhou Jinmei Electro...
BGY685A_2015 JMNIC-BGY685A_2015 Datasheet
59Kb / 8P
   600 MHz, 18.2 dB gain push-pull amplifier
BGY685A JMNIC-BGY685A_15 Datasheet
59Kb / 8P
   600 MHz, 18.2 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY685A NXP-BGY685A Datasheet
289Kb / 9P
   600 MHz, 18.2 dB gain push-pull amplifier
2001 Oct 22
logo
Quanzhou Jinmei Electro...
OM7650 JMNIC-OM7650_15 Datasheet
52Kb / 7P
   550 MHz, 34 dB gain push-pull amplifier
BGY588C JMNIC-BGY588C_15 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588N JMNIC-BGY588N_15 Datasheet
55Kb / 8P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY587_2015 JMNIC-BGY587_2015 Datasheet
55Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com