Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89170M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC89170M
Description  CD Player Text Data IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89170M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC89170M Datasheet HTML 1Page - Sanyo Semicon Device LC89170M Datasheet HTML 2Page - Sanyo Semicon Device LC89170M Datasheet HTML 3Page - Sanyo Semicon Device LC89170M Datasheet HTML 4Page - Sanyo Semicon Device LC89170M Datasheet HTML 5Page - Sanyo Semicon Device LC89170M Datasheet HTML 6Page - Sanyo Semicon Device LC89170M Datasheet HTML 7Page - Sanyo Semicon Device LC89170M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Block Diagram
Pin Assignment
Pin Functions
No. 5536-2/8
LC89170M
Pin no.
Symbol
I/O
Function
1
EXCK
I/O
Subcode interface shift clock input and output
2
SBSO
I
Subcode interface data input
3
SCOR
I
Subcode interface block synchronization input
4
WFCK
I
Subcode interface frame synchronization input
5
MCK
I
Clock input (16.9344 MHz)
6
XMODE
I
System reset and low power mode
7
GND
Ground
8
TEST
I
Test pin (Must be connected to ground in normal operation.)
9
SW1
I
EXCK I/O setting (L: clock output, H: clock input)
10
SW2
I
EXCK clock output pulse width selection (L: double speed support, H: normal speed)
11
SCLK
I
Command interface shift clock input
12
SRDT
O
Command interface data output
13
DQSY
O
Command interface readout enable output
14
VDD
Power supply


Similar Part No. - LC89170M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8910 SANYO-LC8910 Datasheet
102Kb / 4P
   Remote Control LSI
LC8912 SANYO-LC8912 Datasheet
102Kb / 4P
   Remote Control LSI
LC8913 SANYO-LC8913 Datasheet
102Kb / 4P
   Remote Control LSI
More results

Similar Description - LC89170M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2125AF TOSHIBA-TA2125AF_03 Datasheet
118Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
   POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
   Power Driver IC for CD Player
logo
Sony Corporation
CXA1753M SONY-CXA1753M Datasheet
60Kb / 7P
   I-V Photo IC for CD Player
logo
Panasonic Semiconductor
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
AN8746SA PANASONIC-AN8746SA Datasheet
53Kb / 5P
   PWM driver IC for portable CD player
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com