Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS915H Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS915H
Description  Development specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS915H Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS915H Datasheet HTML 1Page - Vectron International, Inc TFS915H Datasheet HTML 2Page - Vectron International, Inc TFS915H Datasheet HTML 3Page - Vectron International, Inc TFS915H Datasheet HTML 4Page - Vectron International, Inc TFS915H Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 915h.doc
Version 1.1
01.04.2005
VI TELEFILTER
Development specification
TFS 915H
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Filter characteristic
t.b.d.
Construction and pin connection
(All dimensions in mm)
Date code
1
3
7
5
1,78
2,54
13
5
7
1
Input RF Return
2
Input
3
Ground
4
Output RF Return
5
Output
6
Ground
Date code:
Year + week
T
2005
U
2006
V
2007
...
1
Ground
2
Input
3
Ground
4
Ground
5
Output
6
Ground
Date code:
Year + week
T
2005
U
2006
V
2007
...
1
Ground
2
Input
3
Ground
4
Ground
5
Output
6
Ground
Date code:
Year + week
T
2005
U
2006
V
2007
...
1
Input
2
Ground
3
Ground
4
Ground
5
Output
6
Ground
7
Ground
8
Ground
Date code:
Year + week
T
2005
U
2006
V
2007
...
915H
● T13
50
Ω test circuit
t.b.d.
Stability characteristics
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS915H

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS915 VECTRON-TFS915 Datasheet
129Kb / 5P
   Development specification
TFS915A VECTRON-TFS915A Datasheet
221Kb / 5P
   Filter specification
TFS915B VECTRON-TFS915B Datasheet
219Kb / 5P
   VI TELEFILTER
TFS915C VECTRON-TFS915C Datasheet
122Kb / 5P
   VI TELEFILTER Filter specification
TFS915D VECTRON-TFS915D Datasheet
153Kb / 5P
   Filter specification
More results

Similar Description - TFS915H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS183B ETC-TFS183B Datasheet
92Kb / 5P
   Development specification
logo
Vectron International, ...
TFS1842A VECTRON-TFS1842A Datasheet
74Kb / 5P
   Development specification
TFS810 VECTRON-TFS810 Datasheet
76Kb / 5P
   Development Specification
logo
Advanced Analogic Techn...
TFS942 ANALOGICTECH-TFS942 Datasheet
103Kb / 5P
   Development Specification
logo
Vectron International, ...
TFS1150A VECTRON-TFS1150A Datasheet
144Kb / 5P
   Development specification
TFS770 VECTRON-TFS770 Datasheet
110Kb / 5P
   Development Specification
TFS380H VECTRON-TFS380H Datasheet
70Kb / 5P
   Development specification
TFS150L VECTRON-TFS150L Datasheet
178Kb / 5P
   Development specification
TFS183A VECTRON-TFS183A Datasheet
76Kb / 5P
   Development specification
TFS915 VECTRON-TFS915 Datasheet
129Kb / 5P
   Development specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com