Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS926 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS926
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS926 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS926 Datasheet HTML 1Page - Vectron International, Inc TFS926 Datasheet HTML 2Page - Vectron International, Inc TFS926 Datasheet HTML 3Page - Vectron International, Inc TFS926 Datasheet HTML 4Page - Vectron International, Inc TFS926 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 926.doc
Version 1.1
01.07.2005
VI TELEFILTER
Filter specification
TFS 926
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filter characteristic
876.8
886.8
896.8
906.8
916.8
926.8
936.8
946.8
956.8
966.8
976.8
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
917.8
919.6
921.4
923.2
925
926.8
928.6
930.4
932.2
934
935.8
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
Construction and pin connection
(All dimensions in mm)
1
2
3
4
5
6
0,6
0,1
0,6
13
6
4
T26
Data code
1
Ground
2
Input
3
Ground
4
Ground
5
Output
6
Ground
Data code: Year + week
T
2005
U
2006
V
2007
50 Ω Test circuit
L1
SAW
L2
5
2
1, 3, 4, 6


Similar Part No. - TFS926

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS922 VECTRON-TFS922 Datasheet
188Kb / 5P
   Filter specification
TFS922A VECTRON-TFS922A Datasheet
195Kb / 5P
   Vectron International Filter specification
TFS924B VECTRON-TFS924B Datasheet
178Kb / 5P
   Filter specification
TFS92B VECTRON-TFS92B Datasheet
125Kb / 5P
   Filter specification
TFS92D VECTRON-TFS92D Datasheet
165Kb / 5P
   Filter specification
More results

Similar Description - TFS926

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com