Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC895125Q Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC895125Q
Description  CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895125Q Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC895125Q Datasheet HTML 1Page - Sanyo Semicon Device LC895125Q Datasheet HTML 2Page - Sanyo Semicon Device LC895125Q Datasheet HTML 3Page - Sanyo Semicon Device LC895125Q Datasheet HTML 4Page - Sanyo Semicon Device LC895125Q Datasheet HTML 5Page - Sanyo Semicon Device LC895125Q Datasheet HTML 6Page - Sanyo Semicon Device LC895125Q Datasheet HTML 7Page - Sanyo Semicon Device LC895125Q Datasheet HTML 8Page - Sanyo Semicon Device LC895125Q Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ordering number : EN*5241
22896HA (OT) No. 5241-1/11
Functions
CD-ROM ECC function, subcode read function, SCSI
interface
Features
• On-chip SCSI interface (with built-in SCAM selection
register)
• Supports 8
× playback - Using ×16 80-ns DRAMs
• Supports 4
× playback - Using ×16 80-ns DRAMs or ×8
70-ns DRAMs
• Transfer rates: 10 MB/s (synchronous), 5 MB/s
(asynchronous) using
×16 80-ns DRAMs*1
• Transfer rates: 8.467 MB/s (synchronous), 4.2336 MB/s
(asynchronous) using
×8 70-ns DRAMs*2
• Supports the connection of up to 32 Mb of buffer RAM
(using DRAM)
• The user can freely set the CD main channel, C2 flag,
and other areas in buffer RAM.
• Batch transfer function (transfers the CD main channel
and C2 flag data in a single operation)
• Multi-block transfer function (automatically transfers
multiple blocks in a single operation)
• High-speed transfer mode supports a 10-MB/s
(synchronous) transfer rate using
×8 80-ns DRAMs
• Subcode ECC function
Note: 1. For speeds up to 8
× speed, use a SCSI master
clock frequency of 20 MHz.
Note: 2. For speeds up to 4
× speed, use a SCSI master
clock frequency of 16.9344 MHz.
Package Dimensions
unit: mm
3182-QIP128E
unit: mm
3214-SQFP144
Preliminary
SANYO: QIP128E
[LC895125Q]
SANYO: SQFP144
[LC895125W]
LC895125Q, 895125W
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-0005 JAPAN
CD-ROM Driver with On-Chip SCSI Interface and
Subcode Functions
CMOS LSI
Specifications
Absolute Maximum Ratings at VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
Ta = 25°C
–0.3 to +7.0
V
I/O voltages
VI, VO
Ta = 25°C
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
450
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering heat resistance (pins only)
10 seconds
260
°C


Similar Part No. - LC895125Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895127K SANYO-LC895127K Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
More results

Similar Description - LC895125Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
logo
Sony Corporation
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
   CD-ROM Subcode Decoder
logo
Sanyo Semicon Device
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com