Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89515K Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC89515K
Description  CD-ROM/CD-I Error Correction/ Host Interface LSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89515K Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC89515K Datasheet HTML 1Page - Sanyo Semicon Device LC89515K Datasheet HTML 2Page - Sanyo Semicon Device LC89515K Datasheet HTML 3Page - Sanyo Semicon Device LC89515K Datasheet HTML 4Page - Sanyo Semicon Device LC89515K Datasheet HTML 5Page - Sanyo Semicon Device LC89515K Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Furthermore, the LC89515K SELDRQ pin can be used to perform DRQ (data request) transfers. This is a technique
in which transfers are performed by the host outputting HRD pulses according to a data request signal output from
the LC89515K and is similar to DMA controller operation.
When the last byte of the count specified by the control microprocessor is read, EOP goes active while the read pulse
is output. Also DTEN is set inactive after this time. Next, a transfer complete interrupt is issued to inform the control
microprocessor that the transfer to the host has completed.
The LC89515K control microprocessor can pass the decoding result for the data requested by the host and the CD-
ROM drive status information to the host by writing to the LC89515K internal status registers. The status registers
are a 12-byte FIFO, and the host reads out data while the STEN signal is low. The STEN signal goes high when the
last byte is read. The LC89515K has nothing to do with the content of the status registers.
Since the command and status registers are neither interpreted nor executed by the LC89515K, the LC89515K user
can define the command and status data as unrestricted protocols between the host and the microprocessor. This
allows CD-ROM application systems to be designed without restriction, and also allows an existing system to be
replaced by a system using the LC89515K.
4. Points Common to All Blocks
The LC89515K performs data input and decoding at the same time in a pipelined manner. Also, writes of input data
to the buffer RAM, writes of data to be decoded, and reads to the buffer RAM for transfers to the host all proceed at
the same time with synchronization always being maintained by the LC89515K. Therefore there is no need for the
control microprocessor to be concerned with which master (system block) is accessing the buffer RAM.
5. Register Table
Read
Note: The values of the shaded bits are ignored.
No. 4272-4/6
LC89515K
RS
AR
No.
Symbol
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
AR
0
0
0
0
A3
A2
A1
A0
0000
R0
COMIN
msb
lsb
0001
R1
IFSTAT
CMDI
DTEI
DECI
1
DTBSY
STBSY
DTEN
STEN
0010
R2
DBCL
B7
B6
B5
B4
B3
B2
B1
B0
0011
R3
DBCH
DTEI
DTEI
DTEI
DTEI
B11
B10
B9
B8
0100
R4
HEAD0
msb
lsb
0101
R5
HEAD1
msb
lsb
0110
R6
HEAD2
msb
lsb
1
0111
R7
HEAD3
msb
lsb
1000
R8
PTL
A7
A6
A5
A4
A3
A2
A1
A0
1001
R9
PTH
A15
A14
A13
A12
A11
A10
A9
A8
1010
R10
WAL
A7
A6
A5
A4
A3
A2
A1
A0
1011
R11
WAH
A15
A14
A13
A12
A11
A10
A9
A8
1100
R12
STAT0
CRCOK
ILSYNC
NOSYNC
LBLK
WSHORT
SBLK
ERABLK
UCEBLK
1101
R13
STAT1
MINERA
SECERA
BLKERA
MODERA
SH0ERA
SH1ERA
SH2ERA
SH3ERA
1110
R14
STAT2
RMOD3
RMOD2
RMOD1
RMOD0
MODE
NOCOR
RFORM1
RFORM0
1111
R15
STAT3
VALST
WLONG
CBLK


Similar Part No. - LC89515K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89510 SANYO-LC89510 Datasheet
292Kb / 6P
   CMOS LSI
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
More results

Similar Description - LC89515K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC895170W SANYO-LC895170W Datasheet
117Kb / 5P
   CD-ROM Error Correction LSI
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
   CD-ROM Error Correction LSI for Integrated Host CPU System
logo
NXP Semiconductors
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
   Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7388 PHILIPS-SAA7388 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 26
logo
Sanyo Semicon Device
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC8956 SANYO-LC8956 Datasheet
226Kb / 8P
   Error Correction and ADPCM Decoder IC for CD-1/CD-ROM XA Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com