Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7300 Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # M7300
Description  HIGH RELIABILITY FOR LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M7300 Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  M7300 Datasheet HTML 1Page - PETERMANN-TECHNIK M7300 Datasheet HTML 2Page - PETERMANN-TECHNIK M7300 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
PART NUMBERING GUIDE
EXAMPLE
M7300-50-W-S-V-50-155.52MHz
SERIES
M7300
BLANK = +- 100 ppm
50 = +-50 ppm
25 = +-25 ppm
20 = +-20 ppm
15 = +-15 ppm
STABILITY VS. TEMPERATURE
X = OTHER VALUE - PLEASE INDICATE YOUR REQUIRED VALUE
BLANK = 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
TEMPERATURE RANGE
X = OTHER VALUE - PLEASE INDICATE YOUR REQUIRED VALUE
BLANK = 40/60%
SYMMETRY
S = 45/55%
CONTROL VOLTAGE
V = 0 ~ 3.3 V
BLANK = +-50 ppm min.
PULLING RANGE
IF YOU REQUIRE ANOTHER VALUE PLEASE INDICATE THE REQUIRED VALUE
FREQUENCY
FREQUENCY IN MHz
SMD-GULLWING PACKAGE
G
OUTLINE DRAWING OF M7300
4-00.55max
#1
#7(Grounded to the Case)
#14
#8
15.24
20.4max
Connection
PIN
#1
#7
#8
#14
CONTROL V
GND
OUTPUT
VDD
Unit:mm


Similar Part No. - M7300

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
M7300 KNIGHTSBRIDGE-M7300 Datasheet
225Kb / 1P
   Metal Clad Telephone Master Socket
11/04/2024
More results

Similar Description - M7300

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com