Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD0507-4 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # SMD0507-4
Description  CHEAPEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD0507-4 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  SMD0507-4 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD0507-4 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD0507-4 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
- CHEAPEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
- HIGH RELIABILITY FOR LOW COST / LARGE FREQUENCY SPECTRUM
- LOW PROFILE - 1.3 MM MAX. PACKAGE HEIGHT
- EXTENDED TEMPERATURE RANGE TO -40/+125°C AVAILABLE
- EXCELLENT CLOCK SIGNAL GENERATUR FOR CPU'S
- QUALIFIED FOR QUOTMOTIVE APPLICATIONS
SMD0507/2
FREQUENCY RANGE
6.0 ~ 45.0 MHz
36.0 ~ 121.0 MHz
MODE OF VIBRATION
AT-FUNDAMENTAL
3rd Overtone
RESONANCE RESISTANCE
80 ~ 40
Ω max.
80
Ω max.
FREQUENCY TOLERANCE AT 25°C
TEMPERATURE RANGE
+-3 ppm
+-5 ppm
+-10 ppm
TEMPERATURE
+-15 ppm
STABILITY
+-20 ppm
+-30 ppm
+-50 ppm
LOAD CAPACITANCE
SHUNT CAPACITANCE
DRIVE LEVEL
AGING
INSULATION RESISTANCE
STORAGE TEMPERATURE
PACKAGE
PART NUMBERING SYSTEM
EXAMPLE
TYPE
SMD0507/2 OR SMD0507/4
FREQUENCY
IN MHZ
FREQUENCY TOLERANCE AT 25°C
REQUIRED VALUE
TEMPERATURE STABILITY
REQUIRED VALUE
REQUIRED VALUE
LOAD CAPACITANCE
REQUIRED VALUE
REV.02 / March 2008
0+50°C / -10/+60°C / 0/+70°C / -20+70°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/85°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C
2 Solder Pads
4 Solder Pads
MINI-SMD-CRYSTAL
SERIES
SMD0507/4
# 1 and 3 conected // # 2 and 4 ground
TEMPERATURE RANGE
0.01 mW ~ 0.1 mW
(optional 1.0 mW available)
+-2 ppm per year (optional +-1 ppm available)
>500 M
Ω DC/100V +-10%
Tape and Reel (1.000 pcs per reel)
SMD0507/4 27.000 MHz 30/50/-40+85/20pF
http://www.petermann-technik.com | info@petermann-technik.com
+-5 ppm ~ +-50 ppm
0/+50°C ~ -40/+125°C
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
-55/+125°C
0+50°C / -10/+60°C / 0/+70°C
0/+50°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C / -40/+125°C
6 ~ 50 pF or Series
7 pF max.


Similar Part No. - SMD0507-4

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4 Datasheet
819Kb / 3P
   SMD QUARTZ CRYSTAL SERIES SMD0507/4
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
More results

Similar Description - SMD0507-4

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0603 PETERMANN-SMD0603 Datasheet
104Kb / 3P
   CHEAPEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
M3215RR PETERMANN-M3215RR_15 Datasheet
506Kb / 3P
   Cheapest available MINI-Watch-Crystal in ceramic package
M3215A PETERMANN-M3215A_15 Datasheet
500Kb / 3P
   Cheapest available MINI-Watch-Crystal in ceramic package
M3215 PETERMANN-M3215_15 Datasheet
501Kb / 3P
   Cheapest available MINI-Watch-Crystal in ceramic package
M8208 PETERMANN-M8208_15 Datasheet
631Kb / 3P
   Worldwide cheapest available SMD-Watch-Crystal
SMD03025-4 PETERMANN-SMD03025-4 Datasheet
143Kb / 2P
   SMALLEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
M8208 PETERMANN-M8208 Datasheet
73Kb / 1P
   CHEAPEST SMD-WATCH CRYSTAL
HC-49US-SMD PETERMANN-HC-49US-SMD Datasheet
176Kb / 3P
   HIGH RELIABILITY FOR LOW COST / CHEAPEST AVAILABLE CRYSTAL
logo
Suzhou HangJing Electro...
XC53M4 HANGJING-XC53M4 Datasheet
325Kb / 1P
   QUARTZ CRYSTAL UNIT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL PACKAGE.
FC31M2 HANGJING-FC31M2 Datasheet
273Kb / 1P
   TUNING FORK CRYSTAL IN SMD 3.2X1.5MM CERAMIC SEAM SEAL PACKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com