Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-806 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VC-806
Description  Ultra Low Jitter Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-806 Datasheet(HTML) 6 Page - Vectron International, Inc

  VC-806 Datasheet HTML 1Page - Vectron International, Inc VC-806 Datasheet HTML 2Page - Vectron International, Inc VC-806 Datasheet HTML 3Page - Vectron International, Inc VC-806 Datasheet HTML 4Page - Vectron International, Inc VC-806 Datasheet HTML 5Page - Vectron International, Inc VC-806 Datasheet HTML 6Page - Vectron International, Inc VC-806 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Reliability
Table 5. Reflow Profile
Parameter
Symbol
Value
PreHeat Time
ts
200 sec Max
Ramp Up
R
UP
3°C/sec Max
Time above 217°C
tL
150 sec Max
Time to Peak Temperature
tAMB-P
480 sec Max
Time at 260°C
Time at 260°C
tP
20 sec Max
Time at 240°C
tP2
60 sec Max
Ramp down
Ramp down
R
DN
6°C/sec Max
Suggested IR Profile
Devices are built using lead free epoxy and can be subjected to
standard lead free IR reflow conditions shown in Table 5. Contact
pads are gold over nickel and lower maximum temperatures can also
be used, such as 220C.
R
UP
R
DN
t
S
t
AMB-P
t
L
t
P
260
217
200
150
25
Time (sec)
IR Compliance
Table 7. Tape and Reel Information
Tape Dimensions (mm)
Reel Dimensions (mm)
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
#/Reel
12
5.5
1.5
4
8
180
2
13
21
60
13
15.4
200
Absolute Maximum Ratings and Handling Precautions
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied or any other
excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended
periods may adversely affect device reliability.
Although ESD protection circuitry has been designed into the VC-806, proper precautions should be taken when handling and mounting,
VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design evaluation.
ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been adopted for
the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for comparison purposes.
Table 6. Maximum Ratings
Parameter
Symbol
Rating
Unit
Storage Temperature
T
STORE
-55/125
°C
Supply Voltage
V
DD
-0.5 to 5.0
V
Enable Disable Voltage
-0.5 to V
DD
+0.5
V
ESD, Human Body Model
1000
V
ESD, Charged Device Model
1000
V
Maximum Ratings, Tape & Reel
Page6


Similar Part No. - VC-806

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-806 VECTRON-VC-806 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
VC-806-ECE-KAAN VECTRON-VC-806-ECE-KAAN Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
More results

Similar Description - VC-806

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6 VECTRON-VCC6_11 Datasheet
185Kb / 7P
   Ultra Low Jitter Performance
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
logo
Integrated Device Techn...
8T49N240 IDT-8T49N240_18 Datasheet
1Mb / 75P
   NG Ultra-Performance Jitter Attenuator
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
logo
Oscilent Corporation
433 OSCILENT-433 Datasheet
134Kb / 2P
   Ultra Low Jitter 1pS
logo
Texas Instruments
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com