Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCC1 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VCC1
Description  CMOS Crystal Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC1 Datasheet(HTML) 6 Page - Vectron International, Inc

Back Button VCC1 Datasheet HTML 2Page - Vectron International, Inc VCC1 Datasheet HTML 3Page - Vectron International, Inc VCC1 Datasheet HTML 4Page - Vectron International, Inc VCC1 Datasheet HTML 5Page - Vectron International, Inc VCC1 Datasheet HTML 6Page - Vectron International, Inc VCC1 Datasheet HTML 7Page - Vectron International, Inc VCC1 Datasheet HTML 8Page - Vectron International, Inc VCC1 Datasheet HTML 9Page - Vectron International, Inc VCC1 Datasheet HTML 10Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page6
Test Diagram and Waveform
I
DD
V
DD
15pF
4
12
3
.1μF
.01μF
+
+
t
R
t
F
V
OH
V
OL
50%
On Time
Period
Fig 2: Waveform
Fig 1: Test Circuit
Outline Drawing & Pad Layout
Table 5. Pin Out
Pin
Symbol
Function
1
E/D
Enable Disable
2
GND
Case and Electrical Ground
3
Output
Output
4
V
DD
Power Supply Voltage
Part Number
Part Number
Frequency
Frequency
Date Code
Date Code
Part Number
Part Number
Frequency
Frequency
Date Code
Date Code
Dimensions in mm
Recommended Soldering Pad Layout
Alternate Package Design
1.6±0.3
1.6±0.3


Similar Part No. - VCC1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
VCC1-105 VECTRON-VCC1-105 Datasheet
44Kb / 2P
   Crystal Oscillators
VCC1-A0A VECTRON-VCC1-A0A Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A0A-125M00 ETC1-VCC1-A0A-125M00 Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCC1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
   CMOS Crystal Oscillator
Revision B March 2023
logo
Vectron International, ...
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VP-700-DAW-KA VECTRON-VP-700-DAW-KA Datasheet
199Kb / 6P
   CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
   CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
   CMOS Crystal Oscillator
VC-801-DAW-E VECTRON-VC-801-DAW-E Datasheet
211Kb / 8P
   CMOS Crystal Oscillator
VL-821-EAW-FA VECTRON-VL-821-EAW-FA Datasheet
209Kb / 7P
   CMOS Crystal Oscillator
logo
Epson Company
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com