Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA2214VR4D1S Datasheet(PDF) 7 Page - Kingbright Corporation

Part # AA2214VR4D1S
Description  2.2x1.4mm SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA2214VR4D1S Datasheet(HTML) 7 Page - Kingbright Corporation

  AA2214VR4D1S Datasheet HTML 1Page - Kingbright Corporation AA2214VR4D1S Datasheet HTML 2Page - Kingbright Corporation AA2214VR4D1S Datasheet HTML 3Page - Kingbright Corporation AA2214VR4D1S Datasheet HTML 4Page - Kingbright Corporation AA2214VR4D1S Datasheet HTML 5Page - Kingbright Corporation AA2214VR4D1S Datasheet HTML 6Page - Kingbright Corporation AA2214VR4D1S Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPEC NO: DSAK2997
REV NO: V.1
DATE: DEC/29/2009
PAGE: 7 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: F.F.Zhou
PACKING & LABEL SPECIFICATIONS
AA2214VR4D1S
SERIES


Similar Part No. - AA2214VR4D1S

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA2214VR4D1S-C1 TO-GRACE-AA2214VR4D1S-C1 Datasheet
428Kb / 5P
   2.2 x 1.4 mm Surface Mount LED Lamp
AA2214VR4D1S-N1 TO-GRACE-AA2214VR4D1S-N1 Datasheet
428Kb / 5P
   2.2 x 1.4 mm Surface Mount LED Lamp
More results

Similar Description - AA2214VR4D1S

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA2214QWS-D KINGBRIGHT-AA2214QWS-D Datasheet
273Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SYSK KINGBRIGHT-AA2214SYSK Datasheet
295Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214CGSK KINGBRIGHT-AA2214CGSK Datasheet
268Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SURSK KINGBRIGHT-AA2214SURSK Datasheet
270Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SESK KINGBRIGHT-AA2214SESK Datasheet
297Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214QBS-D-AMT KINGBRIGHT-AA2214QBS-D-AMT Datasheet
332Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214ZGSK KINGBRIGHT-AA2214ZGSK Datasheet
277Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com