Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-751 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VS-751
Description  Dual Frequency VCSO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751 Datasheet(HTML) 5 Page - Vectron International, Inc

  VS-751 Datasheet HTML 1Page - Vectron International, Inc VS-751 Datasheet HTML 2Page - Vectron International, Inc VS-751 Datasheet HTML 3Page - Vectron International, Inc VS-751 Datasheet HTML 4Page - Vectron International, Inc VS-751 Datasheet HTML 5Page - Vectron International, Inc VS-751 Datasheet HTML 6Page - Vectron International, Inc VS-751 Datasheet HTML 7Page - Vectron International, Inc VS-751 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page5 of 8
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow
simulation. The VS-751 family is capable of meeting the following qualification test at right:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
ESD Ratings
Model
Minimum
Conditions
Human Body Model
1500V
MIL-STD-883, Method 3015
Charged Device Model
1000V
JEDEC, JESD22-C101
Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t
S
60 sec Min, 180 sec Max
Ramp Up
R
UP
3 °C/sec Max
Time Above 217 °C
t
L
60 sec Min, 150 sec Max
Time To Peak Temperature
T
AMB-P
480 sec Max
Time at 260 °C
t
P
20 sec Min, 40 sec Max
Ramp Down
R
DN
6 °C/sec Max
Although ESD protection circuitry has been designed into the VS-751 proper precautions should be taken when handling and
ounting. VI employs a human body model (HBM) and a charged-device model (CDM) for ESD susceptibility testing and design
protection evaluation.
The device has been qualified to meet the JEDEC standard
for Pb-Free assembly. The temperatures and time intervals
listed are based on the Pb-Free small body requirements.
The temperatures refere to the topside of the package,
measured on the package body surface. The VS-751 device is
hermetically sealed so an aqueous wash is not an issue.
Terminal Plating: Electroless Gold Plate over Nickel Plate
Rev: 11/12/2009
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - VS-751

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-751-LFF-GNN531.2500 VECTRON-VS-751-LFF-GNN531.2500 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-751-LFF-GNN569.1964 VECTRON-VS-751-LFF-GNN569.1964 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-751-LFF-GNN622.0800 VECTRON-VS-751-LFF-GNN622.0800 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-751-LFF-GNN624.6938 VECTRON-VS-751-LFF-GNN624.6938 Datasheet
255Kb / 7P
   Dual Frequency VCSO
More results

Similar Description - VS-751

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com