Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107-044-B-12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 107-044-B-12
Description  EMI/RFI Nickel Plated Copper Knit Braid
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

107-044-B-12 Datasheet(HTML) 1 Page - Glenair, Inc.

  107-044-B-12 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-55
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
107-044
EMI/RFI Nickel Plated Copper Knit Braid
for use with Knit Braid Adapters 380-130, 380-131 and 380-132
TABLE I: WIDTH
Width
Code
12
Width
.472 (12.0)
Strands
Diameter
.006 (0.2)
Approx. No.
of Stitches
per CM
on Length
.138 (3.5)
Approx. No. of
Stitches per
CM
Across Length
.173 (4.4)
TABLE II: MATERIAL
B *
Nickel Plated Copper
* For other material options and sizes
please consult factory
APPLICATION NOTES
The woven braid is to be used with 360° RFI/EMI shield terminations.
1.
Metric dimensions (mm) are in parentheses and are for reference only
2.
Width
Product Series
107 - Composite Accessories
107 044 B 12
Basic Part Number
Width
(See Table I)
Material
B - Nickel Plated Copper
(See Table II)


Similar Part No. - 107-044-B-12

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
107-000-01-50 MARL-107-000-01-50 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-000-04-50 MARL-107-000-04-50 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-000-04-55 MARL-107-000-04-55 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-000-04-59 MARL-107-000-04-59 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-000-04-60 MARL-107-000-04-60 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 107-044-B-12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
107004B12 GLENAIR-107004B12 Datasheet
201Kb / 1P
   EMI/RFI Nickel Plated Copper Knit Braid
380FS132XM08 GLENAIR-380FS132XM08 Datasheet
356Kb / 1P
   Composite Knit-Braid Style EMI/RFI
380FS131XM08 GLENAIR-380FS131XM08 Datasheet
363Kb / 1P
   Composite Knit-Braid Style
380FS130XM08 GLENAIR-380FS130XM08 Datasheet
354Kb / 1P
   Composite Knit-Braid Style
100-003-A062L GLENAIR-100-003-A062L Datasheet
345Kb / 2P
   Tubular Metal Braid ASTM B355 Class 4 OFHC Nickel Plated Copper
100-003A031L GLENAIR-100-003A031L Datasheet
66Kb / 1P
   Tubular Metal Braid ASTM B355 Class 4 OFHC Nickel Plated Copper for Series 72 & 74 Tubing and Series 75 Conduit
logo
E-SWITCH
52-PV5S64019G E-SWITCH-52-PV5S64019G Datasheet
61Kb / 1P
   Nickel Plated Brass
52-PV6F240113G1 E-SWITCH-52-PV6F240113G1 Datasheet
163Kb / 1P
   Nickel Plated Brass
logo
PANDUIT CORP.
GBO239KB PANDUIT-GBO239KB Datasheet
45Kb / 1P
   NICKEL PLATED STEEL
logo
E-SWITCH
52-PV6F2PXSS331 E-SWITCH-52-PV6F2PXSS331 Datasheet
156Kb / 1P
   Nickel Plated Brass
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com