Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121-103-2-1-10BKA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 121-103-2-1-10BKA
Description  Helical Convoluted Tubing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

121-103-2-1-10BKA Datasheet(HTML) 1 Page - Glenair, Inc.

  121-103-2-1-10BKA Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
MINIMUM
BEND RADIUS
LENGTH
(AS SPECIFIED IN FEET)
JACKET
OUTER SHIELD
INNER SHIELD
TUBING
B DIA
A DIA
Series 74
TYPE
F
JACKET
AND TWO
EXTERNAL
SHIELDS
*The minimum bend radius is based on Type A construction. For
multiple-braided coverings, these minimum bend radii may be increased slightly.
MINIMUM
BEND RADIUS *
.50 (12.7)
.75 (19.1)
.75 (19.1)
.88 (22.4)
1.00 (25.4)
1.25 (31.8)
1.50 (38.1)
1.75 (44.5)
1.88 (47.8)
2.25 (57.2)
2.75 (69.9)
3.25 (82.6)
3.63 (92.2)
4.25 (108.0)
TABLE I: TUBING SIZE ORDER NUMBER AND DIMENSIONS
TUBING FRACTIONAL
A INSIDE
B DIA
SIZE
SIZE REF
DIA MIN
MAX
06
3/16
.181
(4.6)
.540 (13.7)
09
9/32
.273
(6.9)
.634 (16.1)
10
5/16
.306
(7.8)
.670 (17.0)
12
3/8
.359
(9.1)
.730 (18.5)
14
7/16
.427 (10.8)
.791 (20.1)
16
1/2
.480 (12.2)
.870 (22.1)
20
5/8
.603 (15.3)
.990 (25.1)
24
3/4
.725 (18.4)
1.150 (29.2)
28
7/8
.860 (21.8)
1.293 (32.8)
32
1
.970 (24.6)
1.446 (36.7)
40
1 1/4
1.205 (30.6)
1.759 (44.7)
48
1 1/2
1.437 (36.5)
2.052 (52.1)
56
1 3/4
1.688 (42.9)
2.302 (58.5)
64
2
1.937 (49.2)
2.552 (64.8)
APPLICATION NOTES
Metric dimensions (mm) are
1.
in parentheses and are for
reference only.
Consult factory for thin-
2.
wall, close convolution
combination.
For PTFE maximum lengths
3.
consult factory.
Consult factory for PEEK
4.
TM
min/max dimensions.
Class
1 - Standard Wall
2 - Thin Wall
2
Product Series
121 - Convoluted Tubing
121 - 103 - 1 - 1 - 16 B K T S H
Basic Part
Number
Tubing Size
(See Table I)
Convolution
1 - Standard
2 - Close
Color
B - Black
C - Natural
Material
K - PEEK
4
E - ETFE
F - FEP
P - PFA
T - PTFE
3
Inner Shield
A - Composite
AmberStrand®
N - Nickel/Copper
S - SnCuFe
T - Tin/Copper
Outer Shield
A - Composite AmberStrand®
C - Stainless Steel
N - Nickel/Copper
S - SnCuFe
T - Tin/Copper
Jacket
E - EPDM
N - Neoprene
H - Hypalon®
V - Viton
121-103
Series 74 Helical Convoluted Tubing (AMS-T-81914)
Type F: Convoluted Tubing with Jacket and Two Shields


Similar Part No. - 121-103-2-1-10BKA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-103-2-1-10BKCE GLENAIR-121-103-2-1-10BKCE Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-103-2-1-10BKCH GLENAIR-121-103-2-1-10BKCH Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-103-2-1-10BKCN GLENAIR-121-103-2-1-10BKCN Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-103-2-1-10BKNE GLENAIR-121-103-2-1-10BKNE Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-103-2-1-10BKNH GLENAIR-121-103-2-1-10BKNH Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
More results

Similar Description - 121-103-2-1-10BKA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE_09 Datasheet
337Kb / 1P
   Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
120_100 GLENAIR-120_100 Datasheet
275Kb / 1P
   Helical Polymer-Core Convoluted Tubing
120_103 GLENAIR-120_103 Datasheet
275Kb / 1P
   Series 74 Helical Convoluted Tubing
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
189MS052NF1212K GLENAIR-189MS052NF1212K Datasheet
211Kb / 2P
   Convoluted Tubing Backshell
189M052 GLENAIR-189M052 Datasheet
184Kb / 1P
   Convoluted Tubing Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com