Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC895926 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC895926
Description  CD-R Encoder/Decoder IC with Built-in SCSI Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895926 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC895926 Datasheet HTML 1Page - Sanyo Semicon Device LC895926 Datasheet HTML 2Page - Sanyo Semicon Device LC895926 Datasheet HTML 3Page - Sanyo Semicon Device LC895926 Datasheet HTML 4Page - Sanyo Semicon Device LC895926 Datasheet HTML 5Page - Sanyo Semicon Device LC895926 Datasheet HTML 6Page - Sanyo Semicon Device LC895926 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
No. 5829-2/7
LC895926
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VDD max
–0.3 to +7.0
V
I/O voltage
VI, VO
–0.3 to VDD+0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
600
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Solder resistance (Pins only)
10 seconds
260
°C
Specifications
Absdute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high level voltage
VIH
TTL levels, for pins (1) and (6)
2.2
V
Input low level voltage
VIL
0.8
V
Input high level voltage
VIH
TTL levels, for pin (4), with pull-up resistors
2.2
V
Input low level voltage
VIL
0.8
V
Input high level voltage
VIH
TTL levels, for pins (0) and (7), with Schmitt inputs
2.5
V
Input low level voltage
VIL
0.6
V
Output high level voltage
VOH
IOH = –2 mA, for pin (3)
VDD — 2.1
V
Output low level voltage
VOL
IOL = 2 mA, for pin (3)
0.4
V
Output high level voltage
VOH
IOH = –2 mA, for pins (2), (4), and (6)
VDD — 2.1
V
Output low level voltage
VOL
IOL = 2 mA, for pins (2), (4), and (6)
0.4
V
Output high level voltage
VOH
IOH = –48 mA, for pin (7)
VDD — 2.1
V
Output low level voltage
VOL
IOL = 48 mA, for pin (7)
0.4
V
Output low level voltage
VOL
IOL = 2 mA, for pin (5)
0.4
V
Input leak current
IIL
VI = VSS, VDD, for pins (0), (1), (6), and (7)
–10
+10
µA
Pull-up resistance
RUP
For pins (4) and (5)
40
80
160
k
DC Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 4.5 to 5.5 V
Parameter
Symbol
3.3V
5V
Unit
min
typ
max
min
typ
max
Power supply voltage
VDD
3.0
3.3
3.6
4.5
5.0
5.5
V
Input voltage range
VIN
0
VDD
0
VDD
V
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V
The pins above refer to the following groups.
Input
(0) BCK, BICLKIN, BIDATAI, C2PO, LOCKIN, LRCK, PLLOUTIN, ROUGH, SBSO, SCOR, SDATA, WFCK, CS,
RD, WR
(1) SUA0 to SUA7, TEST0 to TEST6, RESET
Output
(2) CLV+, CLV, FSW
(3) EFM, EFMG, EFMGATE0 to EFMGATE3, EXCK, LOCK, MON, RA0 to RA9, SUBSYNC, CAS0 to CAS1, RAS0
to RAS1, LWE, UWE, OE
Input
(4) D0 to D7, IO0 to IO15
(5) INT0 to INT1, SWAIT
(6) ATIPSYNC, Reserve0 to Reserve7
(7) ACK, ATN, BSY, C/D, DB0 to DB7, DBP, I/O, MSG, REQ, RST, SEL
Note: The XTAL0, XTAL1, XTALCK0, and XTALCK1 pins are not included in these DC characteristic specifications.


Similar Part No. - LC895926

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895925 SANYO-LC895925 Datasheet
90Kb / 7P
   Signal Processing LSI for CD-R Drives
More results

Similar Description - LC895926

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898023KW SANYO-LC898023KW Datasheet
80Kb / 13P
   40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
logo
Sanyo Semicon Device
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com