Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC895994 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC895994
Description  CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895994 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC895994 Datasheet HTML 1Page - Sanyo Semicon Device LC895994 Datasheet HTML 2Page - Sanyo Semicon Device LC895994 Datasheet HTML 3Page - Sanyo Semicon Device LC895994 Datasheet HTML 4Page - Sanyo Semicon Device LC895994 Datasheet HTML 5Page - Sanyo Semicon Device LC895994 Datasheet HTML 6Page - Sanyo Semicon Device LC895994 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pin Descriptions
No. 5824-4/7
LC895994
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, N: No connection pin
Pin No.
Pin Name
Type
Description
1
VSS
P
2
Reserve0
O
Reserved for future expansion (Must be left open if unused.)
3
Reserve1
I
Reserved for future expansion (Must be tied to ground if unused.)
4
Reserve2
I
Reserved for future expansion (Must be tied to ground if unused.)
5
TEST1
I
Test pin (connect to VSS)
6
XTALCK
I
Crystal oscillator circuit input pin (17.2872 to 69.1488 MHz)
7
XTAL
O
Crystal oscillator circuit output pin
8
TEST2
I
Test pin (connect to VSS)
9
MCK
O
Master Clock output pin
10
TEST3
I
Test pin (connect to VSS)
11
PSUBSYNC
O
Pseudo-subcode synchronization output
12
EXTACK
O
ATIP synchronization acknowledge signal output
13
TEST4
I
Test pin (connect to VSS)
14
VDD
P
15
VSS
P
16
CLV+ (MDP)
O
17
CLV(MDS)
O
CLV servo signal output pins
18
MON
O
19
FSW
O
20
VDD
P
21
VSS
P
22
PLLOUTIN
I
Wobble signal carrier clock input pin
23
ROUGH
I
Rough CLV servo wobble signal input pin
24
LOCKIN
I
CD decoder lock signal input pin
25
LOCK
O
CLV servo lock monitor pin
26
ERROR
O
ATIP parity error detection pin
27
ATIPSYNC
B
ATIP synchronization signal I/O pin
28
BIDATAI
I
Biphase data input pin
29
BICLKIN
I
Biphase data transfer clock input pin
30
DATACKO
O
4.3218 MHz (normal speed) oscillator output
31
IO0
B
32
IO1
B
33
IO2
B
34
IO3
B
35
IO4
B
Data signal pins for ROM encoder/decoder buffer RAM, with pull-up resistors
36
IO5
B
37
IO6
B
38
IO7
B
39
IO8
B
40
VDD
P
41
VSS
P
Continued on next page.


Similar Part No. - LC895994

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89590 SANYO-LC89590 Datasheet
159Kb / 7P
   CD-R LSI
LC895925 SANYO-LC895925 Datasheet
90Kb / 7P
   Signal Processing LSI for CD-R Drives
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results

Similar Description - LC895994

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
logo
NXP Semiconductors
SAA7381 PHILIPS-SAA7381 Datasheet
380Kb / 108P
   ATAPI CD-R block decoder
1997 Aug 12
logo
Sanyo Semicon Device
LC898023KW SANYO-LC898023KW Datasheet
80Kb / 13P
   40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com