Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171-003-7P-0K1-18-P1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 171-003-7P-0K1-18-P1
Description  Single Row Strips with Insulated Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

171-003-7P-0K1-18-P1 Datasheet(HTML) 1 Page - Glenair, Inc.

  171-003-7P-0K1-18-P1 Datasheet HTML 1Page - Glenair, Inc. 171-003-7P-0K1-18-P1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
Q
Q-7
Series 171 MicroStrips
Single Row Strips with Insulated Wire
171-003
Single Row MicroStrips with Insulated Stranded Wire
These .050" pitch single row microstrips are factory-terminated to military-grade
hookup wire. Crimp termination. Available with 1 to 30 contacts. Optional latching
mechanism prevents de-mating. Guide pins provide circuit polarization. Contacts are
twistpin type and are gold-plated. Housing is molded LCP thermoplastic. Available
with standard M22759/11 ETFE wire, or upgrade to M22759/33 space grade wire.
Suitable for high-reliability applications where long-term resistance to fretting
corrosion is a necessity. 3 A., 600 Vac, -55C to +150C. Wire is 600V, 200C.
How To Order Single Row Microstrips With Insulated Wire
Series
Number of
Cavities
Contact
Type
Wire
Gage
Wire
Type
Wire
Color
Code
Wire
Length
Optional
Guide
Pin
Optional
Latch
Optional
Mounting
Holes
171-003
Single Row
MicroStrip,
.050" Contact
Spacing,
Pre-Wired,
Stranded Wire
-1 TO -30
Total Number
of Cavities
including
guide
pins,latches
and mounting
holes.
The number
of cavities
equals the
number of
electrical
circuits plus
1 cavity for
each guide
pin and
latch, plus 6
cavities for
the mounting
hole option.
P
Pin
Contacts
S
Socket
Contacts
-4
#24
AWG
-6
#26
AWG
-8
#28
AWG
-0
#30
AWG
K
Standard
Wire
Extruded
PTFE per
M22759/11,
Silver-Plated
Conductors
(#30 AWG
not available)
J
Space Grade
Wire
High
Strength,
Lightweight,
Crosslinked
Modified
ETFE per
M22759/33,
Silver-Plated
Conductors
1
White
5
Color-
Coded
per MIL-
STD-681
Wires
1-10 are
solid color,
11-up are
striped.
7
10 Color
Repeat
Wires are
solid color
per MIL-
STD-681
color code
system.
Wires #1,
#11, #21
are black,
wires #2,
#12, #22
are brown,
and so on.
Wire
Length In
Inches
Example:
-18
18 inches
6, 12 and
18 are
frequently
used
lengths.
Omit
For No Guide
Pin
-P1
Guide Pin in
Cav. #1
-PB
Guide Pin at
Both Ends
-P(X)
Replace (X)
with guide
pin location.
P3 shown
below:
Omit
For No Latch
CL
Center Latch
BL
Latch at Both
Ends
Omit
For No
Mounting
Holes
MH
Mounting
Holes
The three
cavities on
each end
are filled
with epoxy.
Two .062"
(1.57mm)
holes are
cross-drilled
to allow for
attachment
to a mounting
surface.
171-003
-7
P
-6
K
7
-18
-P1
CL
171-003-7P-6K7-18-P1CL
Sample Part Number


Similar Part No. - 171-003-7P-0K1-18-P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-P1CLMH GLENAIR-171-001-10NS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PBCLMH GLENAIR-171-001-10NS-PBCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PCLMH GLENAIR-171-001-10NS-PCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10PS-P1CLMH GLENAIR-171-001-10PS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
More results

Similar Description - 171-003-7P-0K1-18-P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-002 GLENAIR-171-002 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
890-001 GLENAIR-890-001 Datasheet
153Kb / 2P
   Single Row Insulated Wire Pigtail Assemblies
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Glenair, Inc.
171-008 GLENAIR-171-008 Datasheet
542Kb / 2P
   Single Row Surface Mount Strips
logo
Major League Electronic...
SSHS-1-S MAJOR-LEAGUE-SSHS-1-S Datasheet
83Kb / 2P
   .100 cl Single Row Socket Strips - Straight
TSHS-6-S MAJOR-LEAGUE-TSHS-6-S Datasheet
73Kb / 1P
   .050 cl Single Row - Straight terminal Strips
BSTS-1-S MAJOR-LEAGUE-BSTS-1-S Datasheet
273Kb / 1P
   .100cl Single Row Board Stacker Terminal Strips
SSHR-2-S MAJOR-LEAGUE-SSHR-2-S Datasheet
117Kb / 2P
   .079cl Single Row Socket Strips - Right Angle
SSHS-6-S MAJOR-LEAGUE-SSHS-6-S Datasheet
230Kb / 1P
   .050 cl Single Row - Straight Socket Strips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com