Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC897194 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC897194
Description  CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC897194 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC897194 Datasheet HTML 3Page - Sanyo Semicon Device LC897194 Datasheet HTML 4Page - Sanyo Semicon Device LC897194 Datasheet HTML 5Page - Sanyo Semicon Device LC897194 Datasheet HTML 6Page - Sanyo Semicon Device LC897194 Datasheet HTML 7Page - Sanyo Semicon Device LC897194 Datasheet HTML 8Page - Sanyo Semicon Device LC897194 Datasheet HTML 9Page - Sanyo Semicon Device LC897194 Datasheet HTML 10Page - Sanyo Semicon Device LC897194 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
No. 5572-10/11
LC897194
3. Buffer RAM Pins
IO0 to IO15 (input/output)
Data bus for the buffer DRAM. Pull-up resistors are built in.
RA0 to RA9 (output)
Buffer RAM address pins.
ZRAS0, ZRAS1 (ZCS0, ZCS1) (output)
Buffer DRAM RAS output pins. Although ZRAS0 is used normally, in applications that use two 1M (64K
× 16
bits) DRAMs, the ZRAS0 and ZRAS1 signals can be connected to each of DRAM RAS pins.
ZCAS0, ZCAS1 (output)
Buffer DRAM CAS output pins. Although ZCAS0 is used normally, in applications that use two-CAS DRAMs,
the ZCAS0 can be connected to the DRAM UCAS pin, and ZCAS1 to the DRAM LCAS pin.
ZOE (output)
The buffer DRAM read output pin.
ZUWE, ZLWE (output)
Buffer DRAM write output signals. Connect these pins to the corresponding pins on the DRAMs.
When two-CAS DRAMs are used, connect ZLWE to the write enable signal.
4. Subcode Interface Pins
WFCK, SCOR (input)
Subcode interface pins. By connecting these pins to the CD DSP, the subcode sync can be detected and the CD
main channel buffering can be started according to that sync. Subcode data buffering and ECC are not
performed.
5. CD DSP Data Pins
BCK, SDATA, LRCK, C2PO (input)
Connect these pins to the CD DSP to acquire the CD-ROM data.
C2PO is the C2 flag pin.
6. DVD ECC interface pins
DRESP (input)
DVD ECC data is latched on the falling edge of this signal.
HDB0 to HDB7 (input)
DVD ECC data input pins.
DREQ (output)
DVD ECC data request output.
7. Other Pins
ZRESET (input)
The LC897194 reset pin. The LSI is reset when a low level is applied.
Applications must hold this pin low for at least 1 µs when power is first applied.
XTALCK, XTAL
These pins drive an external crystal at either 16.9344 MHz or 33.8688 MHz.
An external clock frequency can also be input to the XTALCK pin.
MCK (output)
Outputs either the XTALCK frequency or that frequency divided by 2. This output can be stopped.
MCK2 (output)
Outputs either the XTALCK frequency or that frequency divided by 2 (with the opposite phase of the MCK pin)
or the XTALCK frequency divided by 512. This output can be stopped.
ZRSTIC (output)
This pin can be set to output a low level by either setting bit 7 in the microcontroller register R46 (ZSYSRES)
low (0), or setting the ZHRST pin (pin 103) low. This pin output is in the high-impedance state when both
ZSYSRES and ZHRST are high.
Since this pin has an open-drain circuit, an external pull-up resistor must be provided.
ZRSTCPU (output)
A low-going pulse of about 1 ms (when XTALCK = 34 MHz, or about 2 ms when XTALCK = 16 MHz) is
generated on this pin when an ATAPI soft reset command (08H) is received.
An interrupt is issued to the microcontroller at this time. If the ZRESET pin (pin 77) is functioning with active-
low logic, the ZRESET signal is output without change to ZRSTCPU.
Since this pin has an open-drain circuit, an external pull-up resistor must be provided.


Similar Part No. - LC897194

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
More results

Similar Description - LC897194

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
LC895299W SANYO-LC895299W Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com