Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC897194 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC897194
Description  CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC897194 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC897194 Datasheet HTML 3Page - Sanyo Semicon Device LC897194 Datasheet HTML 4Page - Sanyo Semicon Device LC897194 Datasheet HTML 5Page - Sanyo Semicon Device LC897194 Datasheet HTML 6Page - Sanyo Semicon Device LC897194 Datasheet HTML 7Page - Sanyo Semicon Device LC897194 Datasheet HTML 8Page - Sanyo Semicon Device LC897194 Datasheet HTML 9Page - Sanyo Semicon Device LC897194 Datasheet HTML 10Page - Sanyo Semicon Device LC897194 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
No. 5572-7/11
LC897194
Pin No.
Symbol
Type
Function
83
SUA0
I
Microcontroller register selection signals
84
SUA1
I
The SUA0 pin functions as RS in indirect address mode.
85
SUA2
I
86
SUA3
I
87
SUA4
I
88
SUA5
I
89
SUA6
I
90
VDD
P
91
VSS0
P
92
D0
B
Microcontroller data signals
93
D1
B
Pull-up resistors are built in.
94
D2
B
95
D3
B
96
D4
B
97
D5
B
98
D6
B
99
D7
B
100
VSS0
P
101
ZRSTCPU
O
Reset signal output to the CPU
102
ZSWAIT
O
WAIT signal output to the microcontroller
103
ZHRST
I
ATAPI control signals
104
ZDASP
B
105
ZCS3FX
I
106
ZCS1FX
I
107
DA2
I
108
VSS0
P
109
VDD
P
110
DA0
I
ATAPI control signals
111
ZPDIAG
B
112
DA1
I
113
ZIOCS16
O
114
HINTRQ
O
115
ZDMACK
I
116
VSS1
P
117
IORDY
O
ATAPI control signals
118
ZDIOR
I
119
ZDIOW
I
120
DMARQ
O
121
DD15
B
ATAPI data bus
122
VSS1
P
123
DD0
B
ATAPI data bus
124
DD14
B
125
DD1
B
Continued on next page.
Continued from preceding page.


Similar Part No. - LC897194

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
More results

Similar Description - LC897194

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
LC895299W SANYO-LC895299W Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com