Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171-008-9S-P1BLMH Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 171-008-9S-P1BLMH
Description  Single Row Surface Mount Strips
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

171-008-9S-P1BLMH Datasheet(HTML) 1 Page - Glenair, Inc.

  171-008-9S-P1BLMH Datasheet HTML 1Page - Glenair, Inc. 171-008-9S-P1BLMH Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
Q
Q-13
Series 171 MicroStrips
Single Row Surface Mount Strips
171-008
Single Row Surface Mount MicroStrips
These .050" pitch single row surface mount microstrips are available with 1
to 30 contacts. SMT tails are .013" diameter and are solder dipped in 63/37
tin-lead. Optional latching mechanism provides secure connection. Optional
guide pins provide circuit polarization. Contacts are twistpin type and
are gold-plated. Housing is molded LCP thermoplastic. Suitable for high-
reliability applications where long-term resistance to fretting corrosion is a
necessity. 3 A., 600 Vac, -55C to +150C.
How To Order Surface Mount Strips
Series
Number of
Cavities
Contact Type
Optional Guide
Pin
Optional Latch
Optional
Mounting Holes
171-008
Single Row
MicroStrip, .050"
Contact Spacing,
Surface Mount Tails
-1 to -30
Total number of
cavities including
guide pins,latches
and mounting
holes.
The number of
cavities equals the
number of electrical
circuits plus 1 cavity
for each guide pin
and latch, plus 6
cavities for the
mounting hole option.
P
Pin Contacts
S
Socket Contacts
Omit
For No Guide Pin
-P1
Guide Pin in Cav. #1
-PB
Guide Pin at Both
Ends
-P(X)
Replace (X) with
guide pin location.
P3 shown below:
Omit
For No Latch
CL
Center Latch
BL
Latch at Both Ends
Omit
For No Mounting
Holes
MH
Mounting Holes
The three cavities on
each end are filled
with epoxy. Two .062"
(1.57mm) holes are
cross-drilled to allow
for attachment to a
mounting surface.
171-008
-5
P
171-008-5P
Sample Part Number


Similar Part No. - 171-008-9S-P1BLMH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-P1CLMH GLENAIR-171-001-10NS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PBCLMH GLENAIR-171-001-10NS-PBCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PCLMH GLENAIR-171-001-10NS-PCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10PS-P1CLMH GLENAIR-171-001-10PS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
More results

Similar Description - 171-008-9S-P1BLMH

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SSHSM-2-SS MAJOR-LEAGUE-SSHSM-2-SS Datasheet
100Kb / 2P
   .079 cl Single Row -Surface Mount Socket Strips - Vertical
SSHSM-1-SM MAJOR-LEAGUE-SSHSM-1-SM Datasheet
98Kb / 2P
   .100 cl Single Row Socket Strips - Surface Mount - Vertical
SSHSM-1-SS MAJOR-LEAGUE-SSHSM-1-SS Datasheet
92Kb / 2P
   .100 cl Single Row Socket Strips - Surface Mount - Vertical
SSHSM-2-SM MAJOR-LEAGUE-SSHSM-2-SM Datasheet
100Kb / 2P
   .079 cl Single Row - Surface Mount Socket Strips - Vertical
BSTCM-2-SS MAJOR-LEAGUE-BSTCM-2-SS Datasheet
391Kb / 1P
   .079 cl Single Row - Surface Mount Board Stacker Terminal Strips
BSTCM-2-SM MAJOR-LEAGUE-BSTCM-2-SM Datasheet
391Kb / 1P
   .079 cl Single Row - Surface Mount Board Stacker Terminal Strips
SSHSM-1-SH MAJOR-LEAGUE-SSHSM-1-SH Datasheet
107Kb / 2P
   Socket Strips - Surface Mount - Horizontal
SSHSM-1-DH MAJOR-LEAGUE-SSHSM-1-DH Datasheet
82Kb / 2P
   Socket Strips - Surface Mount - Horizontal
logo
Glenair, Inc.
171-004 GLENAIR-171-004 Datasheet
953Kb / 4P
   Single Row Thru-Hole Board Mount Strips
logo
Major League Electronic...
SSHSM-2-DV MAJOR-LEAGUE-SSHSM-2-DV Datasheet
128Kb / 2P
   .079 cl Dual Row - Surface Mount Socket Strips - Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com