Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

233-103-H9Z109-35SA-01 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-103-H9Z109-35SA-01
Description  Jam Nut Mount Hermetic Plug/Receptacle Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-103-H9Z109-35SA-01 Datasheet(HTML) 1 Page - Glenair, Inc.

  233-103-H9Z109-35SA-01 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-39
B
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
0.1 P-0.3L-TS-2
B
DIM
C DIM
MAX
D
DIA
E
DIM
F THREAD
x1-6g-0.100R
9
.6250
.945(24.0) 1.090(27.7)
.698(17.7)
.322(8.9)
M17
11
.7500
1.063(27.0) 1.280(32.5)
.822(20.9)
.385(9.8)
M20
13
.8750
1.260(32.0) 1.400(35.6) 1.010(27.6)
.479(12.3)
M25
15
1.0000
1.417(36.0) 1.530(38.9) 1.135(28.8)
.541(13.7)
M28
17
1.1875
1.457(37.0) 1.660(42.2) 1.260(32.0)
.604(15.3)
M32
19
1.2500
1.614(41.0) 1.840(46.7) 1.385(35.2)
.635(16.1)
M35
21
1.3750
1.811(46.0) 1.970(50.5) 1.510(38.4)
.698(17.7)
M38
23
1.5000
1.968(50.0) 2.090(53.1) 1.635(41.5)
.760(19.3)
M41
25
1.6250
2.017(51.2) 2.210(56.1) 1.760(44.7)
.822(20.9)
M44
E
D Dia
Recommended
Panel Cut-Out
Insert Arrangements per
MIL-DTL-38999 Series III
MIL-STD-1560
B
C
2.000 (50.8) Max
A Thread
F Thread
.520/.500 (13.2/12.7)
to rear of red full-mate
indicator band
.890
(22.6)
Max
.125
(3.2)
233-103-H9
Jam Nut Mount Hermetic
Plug/Receptacle Bulkhead Feed-Thru
for MIL-DTL-38999 Series III Type
Shell Size
09
11
13
15
17
19
21
23
25
Alternate Positions:
A, B, C, D, E
(N = Normal)
Contact Termination
P - Pin on Plug Side
S - Socket on Plug Side
Connector Series
233 - D38999 Series III Type
233 - 103 - H9 P 11 - 35 P N - 01
Connector Type
103 - Hermetic
Bulkhead Feed-Thru
Shell Style
H9 - Jam Nut Mount Plug/
Receptacle Gender Changer
Connector Material and Finish
Z1 - CRES, Passivated
ZL - CRES, Nickel Finish
Panel Accomodation
01 - .0625″ (Min) .125″ (Max)
02 - .0625″ (Min) .250″ (Max)
03 - .0625″ (Min) .500″ (Max)
Panel
Accomodation
APPLICATION NOTES
Power to a given contact on one end will result in power to contact directly
1.
opposite, regardless of identification letter.
Hermeticity = less than 1 x 10
2.
-7
cc/sec at one atmosphere. Not for use in liquid
atmosphere.
Material/finish:
3.
Shell, nut – CRES/passivated, carbon steel/fused tin or CRES/nickel per QQ-N-290.
Contacts – Gold Plated. Pin: alloy 52; Skt.: copper alloy
Insulator – fused vitreous glass/N.A.
Seals – fluorosilicone rubber/N.A.
Metric dimensions (mm) are indicated in parentheses.
4.
Insert Arrangement
Per MIL-DTL-38999 Series III
MIL-STD-1560
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 233-103-H9Z109-35SA-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-103-H9Z109 GLENAIR-233-103-H9Z109 Datasheet
436Kb / 1P
   Jam Nut Mount Hermetic
More results

Similar Description - 233-103-H9Z109-35SA-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01 Datasheet
430Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7 GLENAIR-232-103-H7 Datasheet
185Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H9 GLENAIR-232-103-H9 Datasheet
315Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01_09 Datasheet
425Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
408Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
257-093 GLENAIR-257-093 Datasheet
356Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7Z108 GLENAIR-232-103-H7Z108_09 Datasheet
433Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H9 GLENAIR-231-103-H9 Datasheet
310Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com