Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171-002-5P-4C3.250-P1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 171-002-5P-4C3.250-P1
Description  Single Row Strips with Solid Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

171-002-5P-4C3.250-P1 Datasheet(HTML) 1 Page - Glenair, Inc.

  171-002-5P-4C3.250-P1 Datasheet HTML 1Page - Glenair, Inc. 171-002-5P-4C3.250-P1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
Q
Q-6
Series 171 MicroStrips
Single Row Strips with Solid Wire
171-002
MicroStrips with Solid Wire
These .050" pitch single row microstrips are factory-crimped to gold-plated
single strand copper wire. Available with 1 to 30 contacts. Can be used for
PCB header. Solder-dipped versions have 63/37 tin-lead solder. Optional
latching mechanism provides secure connection. Guide pins provide circuit
polarization. Contacts are twistpin type and are gold-plated. Housing is molded
LCP thermoplastic. Suitable for high-reliability applications where long-term
resistance to fretting corrosion is a necessity. 3 A., 600 Vac, -55C to +150C.
How To Order Microstrips With Solid Wire
Series
Number of
Cavities
Contact
Type
Wire
Gage
Wire
Type
Wire
Finish
Wire
Length
(Inches)
Optional
Guide Pin
Optional
Latch
Optional
Mounting
Holes
171-002
Single Row
MicroStrip,
.050"
Contact
Spacing,
Solid Wire
-1 TO -30
Total Number
of Cavities
including
guide
pins,latches
and mounting
holes.
The number of
cavities equals
the number
of electrical
circuits plus 1
cavity for each
guide pin and
latch, plus 6
cavities for the
mounting hole
option.
P
Pin
Contacts
S
Socket
Contacts
-4
#24
AWG
-5
#25
AWG
-6
#26
AWG
C
Single
Strand
Copper
A-A-59551
Type S
3
Solder
Dipped
in 63/37
Tin-Lead
4
Gold-
plated
.125
.250
.500
1.000
1.500
2.000
Wire
Length In
Inches
Omit
For No Guide
Pin
-P1
Guide Pin in
Cav. #1
-PB
Guide Pin at
Both Ends
-P(X)
Replace (X)
with guide
pin location.
P3 shown
below:
Omit
For No
Latch
CL
Center
Latch
BL
Latch at
Both Ends
Omit
For No
Mounting Holes
MH
Mounting Holes
The three cavities
on each end
are filled with
epoxy. Two
.062" (1.57mm)
holes are cross-
drilled to allow
for attachment
to a mounting
surface.
171-002
-7
S
-5
C
4
-1.000
-P1
CL
171-002-7S-5C4-1.000-P1CL
Sample Part Number


Similar Part No. - 171-002-5P-4C3.250-P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-P1CLMH GLENAIR-171-001-10NS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PBCLMH GLENAIR-171-001-10NS-PBCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10NS-PCLMH GLENAIR-171-001-10NS-PCLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
171-001-10PS-P1CLMH GLENAIR-171-001-10PS-P1CLMH Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
More results

Similar Description - 171-002-5P-4C3.250-P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-003 GLENAIR-171-003 Datasheet
535Kb / 2P
   Single Row Strips with Insulated Wire
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Glenair, Inc.
171-008 GLENAIR-171-008 Datasheet
542Kb / 2P
   Single Row Surface Mount Strips
logo
Major League Electronic...
SSHS-1-S MAJOR-LEAGUE-SSHS-1-S Datasheet
83Kb / 2P
   .100 cl Single Row Socket Strips - Straight
TSHS-6-S MAJOR-LEAGUE-TSHS-6-S Datasheet
73Kb / 1P
   .050 cl Single Row - Straight terminal Strips
BSTS-1-S MAJOR-LEAGUE-BSTS-1-S Datasheet
273Kb / 1P
   .100cl Single Row Board Stacker Terminal Strips
SSHR-2-S MAJOR-LEAGUE-SSHR-2-S Datasheet
117Kb / 2P
   .079cl Single Row Socket Strips - Right Angle
SSHS-6-S MAJOR-LEAGUE-SSHS-6-S Datasheet
230Kb / 1P
   .050 cl Single Row - Straight Socket Strips
logo
Glenair, Inc.
171-004 GLENAIR-171-004 Datasheet
953Kb / 4P
   Single Row Thru-Hole Board Mount Strips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com