Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

570S190C09B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 570S190C09B
Description  EMI-RFII Crimp-Ring Micro-D Backshell Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

570S190C09B Datasheet(HTML) 1 Page - Glenair, Inc.

  570S190C09B Datasheet HTML 1Page - Glenair, Inc. 570S190C09B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
C-42
CAGE Code 06324
507-190
EMI-RFII Crimp-Ring
Micro-D Backshell Assembly
Connector shown for
Reference Only
L
G
E
F
.320 (8.1)
H
C
Crimp Ring
Supplied on All Styles
K Min
H
Style S - 90° Entry
Style T -Top Entry
Style T and S Only
M
507 T 190 M 15 B
Product Series
Cable Entry Style
T = Top
S = 90°
E = 45°
Basic Number
Jackscrew Option (Table II)
Shell Size (Table I)
Finish (Table III)
D
Jackscrew
Fillister Head
Symbol B
Female Jackpost
J Thread
Symbol F
Jackscrew
Hex Socket
Symbol H
B
A
.188 (4.8)
Extended
Jackscrew
Symbol E
Style E - 45° Entry
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. Equivalent to Raytheon H5935-2218551.


Similar Part No. - 570S190C09B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
570 LITTELFUSE-570 Datasheet
92Kb / 1P
   SUBMINIATURE FUSEHOLDERS
logo
Switchcraft, Inc.
570 SWITCH-570 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Intel Corporation
570 INTEL-570 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Dialight Corporation
570-001-000-100 DIALIGHT-570-001-000-100 Datasheet
196Kb / 2P
   WATERPROOF CONNECTOR
logo
EDAC, All Rights Reserv...
570-001-000-100 EDAC-570-001-000-100 Datasheet
590Kb / 3P
   570 Series IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
More results

Similar Description - 570S190C09B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507-195M0902EG GLENAIR-507-195M0902EG Datasheet
158Kb / 2P
   EMI/RFI Micro-D Split Backshell Assembly
M85049-2009N GLENAIR-M85049-2009N Datasheet
72Kb / 1P
   Crimp Ring Backshell
M85049-26-01 GLENAIR-M85049-26-01 Datasheet
75Kb / 1P
   Crimp Ring Backshell
M85049-33-2-8N GLENAIR-M85049-33-2-8N Datasheet
72Kb / 1P
   Crimp Ring Backshell
550T006M GLENAIR-550T006M Datasheet
90Kb / 2P
   EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
507S177B09B GLENAIR-507S177B09B Datasheet
315Kb / 2P
   EMI/RFI Micro-D Banding Backshell
507-171M09-BB GLENAIR-507-171M09-BB Datasheet
420Kb / 2P
   EMI/RFI Micro-D Banding Backshell Assembly with Eliptical Banding Porch
557T387M GLENAIR-557T387M Datasheet
127Kb / 2P
   EMI/RFI Backshell Assembly
527-142BLST GLENAIR-527-142BLST Datasheet
81Kb / 1P
   Solid TAG Ring EMI/RFI Backshell
logo
Molex Electronics Ltd.
0622019900 MOLEX11-0622019900 Datasheet
25Kb / 1P
   Micro-D Backshell Crimp Tool Kit, 15 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com