Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500T012J21H Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 500T012J21H
Description  Qwik-Ty Strain Relief Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500T012J21H Datasheet(HTML) 1 Page - Glenair, Inc.

  500T012J21H Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
M
M-10
MATERIALS
Shell
Aluminum Alloy 6061 -T6
Clips
17-7PH Stainless Steel
Hardware 300 Series Stainless Steel
Qwik-Ty Strain Relief Backshell
500-012
Qwik-Ty Backshell is stocked in all sizes.
Choose “M” Nickel Finish and “T” top entry
for best availability. Customer-furnished
cable ties provide strain relief to wire
bundles. Suitable for jacketed cable or use
with individual wires.
HOW TO ORDER 500-012 QWIK-TY STRAIN RELIEF BACKSHELLS
Series
Shell Finish
Connector Size
Hardware Option
Top Entry
500T012
Side Entry
500S012
45° Entry
500E012
E Chem Film (Alodyne)
J Cadmium, Yellow Chromate
M Electroless Nickel
NF Cadmium, Olive Drab
Z2 Gold
09
15
21
25
31
37
51
51-2
67
69
100
B Fillister Head Jackscrew
H Hex Head Jackscrew
E Extended Jackscrew
F Jackpost, Female
Sample Part Number
500T012
M
25
H
C
B
A
F
CONNECTOR ORDERED
SEPARATELy
SHOWN WITH B FILLISTER HEAD
JACKSCREW
T - TOP ENTRY
E
H
D
.175 (4.4)
#2-56 UNC THDS. 9-69 PIN
#4-40 UNC THDS. 100 PIN
.38 (9.65)
CONNECTOR ORDERED
SEPARATELy
N
M
SHOWN WITH H HEX HEAD
JACKSCREW AND F FEMALE JACKPOST
E - 45º ENTRY
CONNECTOR ORDERED
SEPARATELy
S - SIDE ENTRY
SHOWN WITH E EXTENDED
JACKSCREW
L
K
F
J
Size
A Max.
B Max.
C
D Max.
E Max.
F
H Max.
J Max.
K
L Max.
M Max.
N Max.
In. mm. In. mm. In. mm. In. mm. In. mm.
In.
± .005
mm.
± 0.13 In. mm. In. mm. In. mm. In. mm. In. mm. In. mm.
09
.850 21.59 .370 9.40 .565 14.35 .780 19.81 .410 10.41 .156 3.18 .350 8.89 .637 16.18 .435 11.05 1.040 26.42 1.000 25.40 .680 17.27
15 1.000 25.40 .370 9.40 .715 18.16 .910 23.11 .580 14.73 .188 3.96 .470 11.94 .673 17.09 .440 11.20 1.170 29.72 1.030 26.16 .730 18.54
21 1.150 29.21 .370 9.40 .865 21.97 1.030 26.16 .740 18.80 .219 4.78 .590 14.99 .707 17.95 .458 11.63 1.290 32.77 1.050 26.67 .765 19.43
25 1.250 31.75 .370 9.40 .965 24.51 1.090 27.69 .850 21.59 .250 5.56 .650 16.51 .748 19.00 .483 12.27 1.350 34.29 1.090 27.69 .830 21.08
31 1.400 35.56 .370 9.40 1.115 28.32 1.150 29.21 .980 24.89 .265 6.35 .710 18.03 .756 19.20 .476 12.09 1.420 36.07 1.130 28.70 .890 22.61
37 1.550 39.37 .370 9.40 1.265 32.13 1.190 30.23 1.130 28.70 .281 7.14 .750 19.05 .774 19.66 .478 12.14 1.450 36.83 1.230 31.24 .955 24.26
51 1.500 38.10 .410 10.41 1.215 30.86 1.220 30.99 1.080 27.43 .312 7.92 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
51-2 1.910 48.51 .370 9.40 1.615 41.02 1.220 30.99 1.510 38.35 ..281 7.14 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
67 2.310 58.67 .370 9.40 2.015 51.18 1.220 30.99 1.880 47.75 .281 7.14 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
69 1.810 45.97 .410 10.41 1.515 38.48 1.220 30.99 1.380 47.75 .312 7.92 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
100 2.235 56.77 .460 11.68 1.800 45.72 1.280 32.51 1.470 37.34 .375 9.53 .840 21.34 1.014 25.76 .687 17.45 1.580 40.13 1.320 33.53 1.080 27.43


Similar Part No. - 500T012J21H

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   EMI/RFI Micro-D Banding Backshell and Round Cable Entry
500T010E09B04 GLENAIR-500T010E09B04_11 Datasheet
320Kb / 2P
   EMI/RFI Micro-D Banding Backshell and Round Cable Entry
500T010E09B05 GLENAIR-500T010E09B05 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
500T010E09B06 GLENAIR-500T010E09B06 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
More results

Similar Description - 500T012J21H

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T12-E09B GLENAIR-500T12-E09B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
527281BB GLENAIR-527281BB Datasheet
127Kb / 1P
   EMI/RFI Qwik-Ty Elliptical Banding Backshell
527280B GLENAIR-527280B Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
M85049-44-1 GLENAIR-M85049-44-1 Datasheet
73Kb / 1P
   Strain-Relief Backshell
527-149NFPA1B1C1 GLENAIR-527-149NFPA1B1C1 Datasheet
67Kb / 2P
   Strain Relief Backshell
507-146E09 GLENAIR-507-146E09_11 Datasheet
178Kb / 1P
   Strain Relief Backshell
527-025 GLENAIR-527-025 Datasheet
48Kb / 2P
   Strain Relief Backshell
527-126BPA3 GLENAIR-527-126BPA3 Datasheet
56Kb / 2P
   Strain Relief Backshell
527A265B GLENAIR-527A265B Datasheet
130Kb / 1P
   EMI/RFI Elliptical Qwik-Ty Straight Banding Backshell
447AS327XM08 GLENAIR-447AS327XM08 Datasheet
382Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Qwik-Ty짰 Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com