Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

507T088XM21H05 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 507T088XM21H05
Description  Composite EMI/RFI Banding Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

507T088XM21H05 Datasheet(HTML) 2 Page - Glenair, Inc.

  507T088XM21H05 Datasheet HTML 1Page - Glenair, Inc. 507T088XM21H05 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
M
M-15
Cable
Entry
Code
F
G
In.
± .010
mm.
± 0.25 In. mm.
04
.125 3.18
.219 5.56
05
.156 3.96
.250 6.35
06
.188 4.78
.281 7.14
07
.219 5.56
.313 7.95
08
.250 6.35
.344 8.74
09
.281 7.14
.375 9.53
10
.312 7.92
.406 10.31
11
.344 8.74
.438 11.13
12
.375 9.53
.469 11.92
C
B
A
CONNECTOR ORDERED
SEPARATELy
S - SIDE ENTRY
SHOWN WITH E EXTENDED
JACKSCREW
L
K
J
CONNECTOR ORDERED
SEPARATELy
N
M
SHOWN WITH H HEX HEAD
JACKSCREW AND F FEMALE POST
E - 45º ENTRY
CONNECTOR ORDERED
SEPARATELy
T - TOP ENTRY
SHOWN WITH B FILLISTER HEAD
JACKSCREW
G
F
E
H
D
.175 (4.4)
.32 (8.1)
#2-56 UNC THDS. 9-51 PIN
#4-40 UNC THDS. 100 PIN
Composite EMI/RFI Banding Backshell
with Round Cable Entry
507-088
DIMENSIONS
Size
A Max.
B Max.
C
D Max.
E Max.
H Max.
J Max.
K
L Max.
M Max.
N Max.
In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In.
mm.
09
.850 21.59 .370 9.40 .565 14.35 .780 19.81 .410 10.41 .460 8.89
.680 17.27 .435 11.05 1.040 26.42 1.000 25.40
.680 17.27
15
1.000 25.40 .370 9.40 .715 18.16 .790 20.07 .580 14.73 .470 11.94
.730 18.54 .440 11.2
1.170 29.72 1.030 26.16
.730 18.54
21
1.150 29.21 .370 9.40 .865 21.97 .910 23.11 .740 18.80 .590 14.99
.765 19.43 .458 11.63 1.290 32.77 1.050 26.67
.765 19.43
25
1.250 31.75 .370 9.40 .965 24.51 .970 24.64 .850 21.59 .650 16.51
.830 21.08 .483 12.27 1.350 34.29 1.090 27.69
.830 21.08
31
1.400 35.56 .370 9.40 1.115 28.32 1.030 26.16 .980 24.89 .710 18.03
.890 20.32 .476 12.09 1.420 36.07 1.130 28.70
.890 22.61
37
1.550 39.37 .370 9.40 1.265 32.13 1.070 27.18 1.130 28.70 .750 19.05
.955 24.26 .478 12.14 1.450 36.83 1.230 31.24
.955 24.26
51
1.500 38.10 .410 10.41 1.215 30.86 1.100 27.94 1.080 27.43 .780 19.81 1.005 25.53 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
100 2.235 56.77 .460 11.68 1.800 45.72 1.160 29.46 1.470 37.34 .810 21.34 1.080 27.43 .687 17.45 1.580 40.13 1.320 33.53 1.080 27.43


Similar Part No. - 507T088XM21H05

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507T088XM21H05 GLENAIR-507T088XM21H05 Datasheet
359Kb / 2P
   Micro-D Backshells EMI, Composite, Round Cable Entry 507-088
More results

Similar Description - 507T088XM21H05

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
   Composite RFI/EMI Banding Backshell
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
557T186XM GLENAIR-557T186XM Datasheet
131Kb / 2P
   Composite D-Subminiature EMI/RFI Banding Split Backshell
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
   EMI/RFI Banding Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
   EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
557331M GLENAIR-557331M Datasheet
120Kb / 2P
   EMI/RFI Banding Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com