Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

710-371T Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 710-371T
Description  Metal "Y" and "T" Transitions
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

710-371T Datasheet(HTML) 1 Page - Glenair, Inc.

  710-371T Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
G-9
E-Mail: sales@glenair.com
www.glenair.com
Product
Series
Y Transition Material
106 = Aluminum
107 = Brass
370 = Stainless Steel
T Transition Material
108 = Aluminum
109 = Brass
371 = Stainless Steel
710 - 106 M A24 B08 C16
"C" End
Conduit Dash
No.
"B" End
Conduit Dash
No.
"A" End
Conduit Dash
No.
Finish (Table I)
"T" Transitions
710-108/109/371
"Y" Transitions
710-106/107/370
"B" END
"C"
END
"C" END
"A" END
"B" END
"A"
END
F
G
D
H THREAD
Metric dimensions (mm) are in parentheses.
E
H THREAD
TABLE I
SYMBOL FINISH
BOlive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
MElectroless Nickel
NOlive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
TBright Dip Cadmium Plate over Nickel
Z1
Passivate
CONDUIT
DASH
AVAILABILITY
H THREAD
D
E
F
G
NO.
72
74
75
CLASS 2A
MAX
MAX
MAX
MAX
06
06
7/16 - 28 UNEF
1.97 (50.0)
1.20 (30.5)
1.33 (33.8)
.81 (20.6)
08
08
1/2 - 20 UNF
1.97 (50.0)
1.20 (30.5)
1.35 (34.3)
.84 (21.3)
09
09
09
9/16 - 24 UNEF
2.13 (54.1)
1.30 (33.0)
1.43 (36.3)
.88 (22.4)
10
10
9/16 - 24 UNEF
2.13 (54.1)
1.30 (33.0)
1.43 (36.3)
.88 (22.4)
12
12
12
12
5/8 - 24 UNEF
2.22 (56.4)
1.34 (34.0)
1.47 (37.3)
.91 (23.1)
14
14
11/16 - 24 UNEF
2.37 (60.2)
1.49 (37.8)
1.58 (40.1)
.94 (23.9)
16
16
16
16
3/4 - 20 UNEF
2.37 (60.2)
1.49 (37.8)
1.65 (41.9)
.94 (23.9)
20
20
20
20
7/8 - 20 UNEF
2.69 (68.3)
1.70 (43.2)
1.78 (45.2)
1.03 (26.2)
24
24
24
24
1- 20 UNEF
2.75 (69.9)
1.84 (46.7)
1.85 (47.0)
1.13 (28.7)
28
28
28
1 3/16 - 18 UNEF
3.06 (77.7)
2.09 (53.1)
2.09 (53.1)
1.16 (29.5)
32
32
32
32
1 5/16 - 18 UNEF
3.28 (83.3)
2.23 (56.6)
2.43 (61.7)
1.16 (29.5)
40
40
40
40
1 1/2 - 18 UNEF
3.59 (91.2)
2.50 (63.5)
2.65 (67.3)
1.28 (32.5)
48
48
48
1 3/4 - 18 UNS
4.23 (107.4)
2.96 (75.2)
3.15 (80.0)
1.53 (38.9)
56
56
56
2- 18 UNS
5.00 (127.0)
3.50 (88.9)
3.40 (86.4)
1.69 (42.9)
64
64
64
2 1/4 - 16 UN
5.00 (127.0)
3.50 (88.9)
3.75 (95.3)
1.87 (47.5)
80
80
2 3/4 - 16 UN
5.70 (144.8)
4.10 (104.1)
4.25 (108.0)
2.13 (54.1)
*
* Consult factory for adapters using 3.000 inch (76.2) conduit
TABLE II
710-106/107/370 and 710-108/109/371
Metal "Y" and "T" Transitions
for Series 72 & 74 Tubing and Series 75 Conduit


Similar Part No. - 710-371T

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-372M20 GLENAIR-710-372M20 Datasheet
86Kb / 2P
   Metal Bulkhead Adapters & Feed-Throughs for Conduit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com