Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-483HD-502 Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AA-483HD-502
Description  4.8mm LED Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AA-483HD-502 Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AA-483HD-502 Datasheet HTML 1Page - A-BRIGHT Inc AA-483HD-502 Datasheet HTML 2Page - A-BRIGHT Inc AA-483HD-502 Datasheet HTML 3Page - A-BRIGHT Inc AA-483HD-502 Datasheet HTML 4Page - A-BRIGHT Inc AA-483HD-502 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AA-483HD/502
Diff No. 004
4.8 mm
LED Assembly
Type : 502
2009/2/27
2
Chip
PART NO.
Material
Emitted Color
Lens Color
AA-483HD/502
GaP/GaP
Red
Red Diffused
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
20
mA
Operating Temperature
Topr
-40 to +80
Storage Temperature
Tstg
-40 to +85
Soldering Temperature
Tsol
260 ± 5
Electrostatic Discharge
ESD
1000
V
Power Dissipation
PD
100
mW
Peak Forward Current
(Duty 1/10@1KHz)
IF (Peak)
160
mA
Reverse Voltage
VR
5
V
Electronic Optical Characteristics︰
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
25
mcd
IF=20mA
Viewing Angle
2θ1/2
40
deg
IF=20mA
Peak Wavelength
λ
p
nm
IF=20mA
Dominant Wavelength
λ
d
700
nm
IF=20mA
Spectrum Radiation Bandwidth
△λ
90
nm
IF=20mA
Forward Voltage
VF
2.0
2.6
V
IF=20mA
Reverse Current
IR
10
μA
VR=5V


Similar Part No. - AA-483HD-502

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AA-483HD-502S A-BRIGHT-AA-483HD-502S Datasheet
318Kb / 5P
   LED Assembly
2009/2/27
AA-483HD-502S A-BRIGHT-AA-483HD-502S Datasheet
242Kb / 5P
   LED Assembly
2009/2/27
AA-483HD-502S A-BRIGHT-AA-483HD-502S_15 Datasheet
242Kb / 5P
   LED Assembly
2009/2/27
More results

Similar Description - AA-483HD-502

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-P483IC A-BRIGHT-AL-P483IC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483UGC A-BRIGHT-AL-P483UGC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483OR1C A-BRIGHT-AL-P483OR1C Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483UY2C A-BRIGHT-AL-P483UY2C Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483BC A-BRIGHT-AL-P483BC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483W2C A-BRIGHT-AL-P483W2C Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
logo
OptoSupply Internationa...
OSV5YL56A1A OPTOSUPPLY-OSV5YL56A1A_12 Datasheet
111Kb / 1P
   4.8mm Straw Violet LED
OSW44E56F1A OPTOSUPPLY-OSW44E56F1A_11 Datasheet
166Kb / 1P
   4.8mm Straw PureWhite LED
OSK5DK56A1A OPTOSUPPLY-OSK5DK56A1A Datasheet
155Kb / 1P
   4.8mm Straw Pink LED
OSV5HA56A1A OPTOSUPPLY-OSV5HA56A1A Datasheet
101Kb / 1P
   4.8mm Straw Violet LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com