Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4008C1D-TI10 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6R4008C1D-TI10
Description  1Mx4 Bit High Speed Static RAM(5.0V Operating)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008C1D-TI10 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6R4008C1D-TI10 Datasheet HTML 1Page - Samsung semiconductor K6R4008C1D-TI10 Datasheet HTML 2Page - Samsung semiconductor K6R4008C1D-TI10 Datasheet HTML 3Page - Samsung semiconductor K6R4008C1D-TI10 Datasheet HTML 4Page - Samsung semiconductor K6R4008C1D-TI10 Datasheet HTML 5Page - Samsung semiconductor K6R4008C1D-TI10 Datasheet HTML 6Page - Samsung semiconductor K6R4008C1D-TI10 Datasheet HTML 7Page - Samsung semiconductor K6R4008C1D-TI10 Datasheet HTML 8Page - Samsung semiconductor K6R4008C1D-TI10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
K6R4004C1D
CMOS SRAM
PRELIMINARY
Rev. 2.0
- 3 -
July 2004
1M x 4 Bit High-Speed CMOS Static RAM
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 20mA(Max.)
(CMOS) : 5mA(Max.)
Operating
K6R4004C1D-10 : 65mA(Max.)
Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Standard Pin Configuration
K6R4004C1D-J : 32-SOJ-400
K6R4004C1D-K : 32-SOJ-400(Lead-Free)
• Operating in Commercial and Industrial Temperature range.
PIN FUNCTION
Pin Name
Pin Function
A0 - A19
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O4
Data Inputs/Outputs
VCC
Power(+5.0V)
VSS
Ground
N.C
No Connection
The K6R4004C1D is a 4,194,304-bit high-speed Static Random
Access Memory organized as 1,048,576 words by 4 bits. The
K6R4004C1D uses 4 common input and output lines and has an
output enable pin which operates faster than address access
time at read cycle. The device is fabricated using SAMSUNG
′s
advanced CMOS process and designed for high-speed circuit
technology. It is particularly well suited for use in high-density
high-speed system applications. The K6R4004C1D is packaged
in a 400 mil 32-pin plastic SOJ.
PIN CONFIGURATION(Top View)
SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A19
A18
A17
A16
A15
OE
I/O4
Vss
Vcc
I/O3
A14
A13
A12
A11
A10
N.C
A0
A1
A2
A3
A4
CS
I/O1
Vcc
Vss
I/O2
WE
A5
A6
A7
A8
A9
Clk Gen.
I/O1~I/O4
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
1024 Rows
1024 x 4 Columns
I/O Circuit
A10
A12
A14
A16
A18
A11
A13
A15
A17
A19
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9


Similar Part No. - K6R4008C1D-TI10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008C1D-TI10 SAMSUNG-K6R4008C1D-TI10 Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4008C1D-TI10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1C-C SAMSUNG-K6R4004C1C-C Datasheet
155Kb / 8P
   1Mx4 Bit High Speed Static RAM(5V Operating).
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM6161002B SAMSUNG-KM6161002B Datasheet
197Kb / 9P
   64Kx16 Bit High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
logo
List of Unclassifed Man...
3DS16-325 ETC-3DS16-325 Datasheet
72Kb / 3P
   512K x 32 Bit High-Speed CMOS Static RAM-5.0V Operating
logo
Samsung semiconductor
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com