Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4222 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4222
Description  Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4222 Datasheet(HTML) 5 Page - Texas Instruments

  ADS4222 Datasheet HTML 1Page - Texas Instruments ADS4222 Datasheet HTML 2Page - Texas Instruments ADS4222 Datasheet HTML 3Page - Texas Instruments ADS4222 Datasheet HTML 4Page - Texas Instruments ADS4222 Datasheet HTML 5Page - Texas Instruments ADS4222 Datasheet HTML 6Page - Texas Instruments ADS4222 Datasheet HTML 7Page - Texas Instruments ADS4222 Datasheet HTML 8Page - Texas Instruments ADS4222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533
– MARCH 2011
ELECTRICAL CHARACTERISTICS: ADS4222/ADS4225/ADS4226
Typical values are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, LVDS
interface, and 0dB gain, unless otherwise noted. Minimum and maximum values are across the full temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V.
ADS4222 (65MSPS)
ADS4225 (125MSPS)
ADS4226 (160MSPS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
12
12
12
Bits
fIN = 20MHz
70.9
70.8
70.5
dBFS
fIN = 70MHz
70.3
70.5
70.3
dBFS
Signal-to-noise ratio
SNR
fIN = 100MHz
70.2
70.3
70.1
dBFS
fIN = 170MHz
69.9
69.9
67.5
69.5
dBFS
fIN = 300MHz
68.2
68.1
68.2
dBFS
fIN = 20MHz
70.8
70.7
70.4
dBFS
fIN = 70MHz
70.2
70.3
70.1
dBFS
Signal-to-noise and
SINAD
fIN = 100MHz
70.1
70.1
69.8
dBFS
distortion ratio
fIN = 170MHz
68.7
69.5
66.5
69.3
dBFS
fIN = 300MHz
67.2
67.5
67.6
dBFS
fIN = 20MHz
91.8
88.9
86.6
dBc
fIN = 70MHz
88.8
86.7
84.7
dBc
Spurious-free dynamic range
SFDR
fIN = 100MHz
87.3
85.3
82.2
dBc
fIN = 170MHz
85.3
88.0
70
82.0
dBc
fIN = 300MHz
74
78.1
78.4
dBc
fIN = 20MHz
88.1
86.2
84.4
dBc
fIN = 70MHz
85.6
84.0
81.6
dBc
Total harmonic distortion
THD
fIN = 100MHz
85.1
83.0
81.2
dBc
fIN = 170MHz
82.2
84.2
68.5
80.8
dBc
fIN = 300MHz
73.2
75.5
76.5
dBc
fIN = 20MHz
91.8
88.9
86.6
dBc
fIN = 70MHz
88.8
86.7
84.7
dBc
Second-harmonic distortion
HD2
fIN = 100MHz
87.3
85.3
82.2
dBc
fIN = 170MHz
85.3
88.0
70
82.0
dBc
fIN = 300MHz
74.0
78.1
78.4
dBc
fIN = 20MHz
95.2
93.9
92.3
dBc
fIN = 70MHz
90.7
89.5
86.4
dBc
Third-harmonic distortion
HD3
fIN = 100MHz
96.2
89.4
93.2
dBc
fIN = 170MHz
87.0
90.8
70
94.2
dBc
fIN = 300MHz
81.9
81.6
80.7
dBc
fIN = 20MHz
98.9
95.8
90.8
dBc
fIN = 70MHz
97.5
94.4
92.8
dBc
Worst spur
fIN = 100MHz
95.2
93.9
89.8
dBc
(other than second and third harmonics)
fIN = 170MHz
93.1
91.0
75
89.7
dBc
fIN = 300MHz
92.7
89.4
91.7
dBc
f1 = 46MHz, f2 = 50MHz,
98
96.9
96.2
dBFS
each tone at
–7dBFS
Two-tone intermodulation
IMD
distortion
f1 = 185MHz, f2 = 190MHz,
92.9
92.8
83.6
dBFS
each tone at
–7dBFS
20-MHz full-scale signal on
channel under observation;
Crosstalk
95
95
95
dB
170-MHz full-scale signal on
other channel
Recovery to within 1%
Clock
Input overload recovery
(of full-scale) for 6dB overload
1
1
1
cycle
with sine-wave input
AC power-supply rejection
For 100mVPP signal on AVDD
PSRR
30
30
30
dB
ratio
supply, up to 10MHz
Effective number of bits
ENOB
fIN = 170MHz
11.1
11.3
11.2
LSBs
Differential nonlinearity
DNL
fIN = 170MHz
±0.13
±0.13
–0.8
±0.13
1.5
LSBs
Integrated nonlinearity
INL
fIN = 170MHz
±0.5
±0.5
±0.5
3.5
LSBs
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Similar Part No. - ADS4222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI-ADS4222 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4222 TI1-ADS4222 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222IRGCR TI1-ADS4222IRGCR Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
More results

Similar Description - ADS4222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com