Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ33100PW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ33100PW
Description  Super Capacitor Manager Capacitance Learning ESR Measurement
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ33100PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ33100PW Datasheet HTML 7Page - Texas Instruments BQ33100PW Datasheet HTML 8Page - Texas Instruments BQ33100PW Datasheet HTML 9Page - Texas Instruments BQ33100PW Datasheet HTML 10Page - Texas Instruments BQ33100PW Datasheet HTML 11Page - Texas Instruments BQ33100PW Datasheet HTML 12Page - Texas Instruments BQ33100PW Datasheet HTML 13Page - Texas Instruments BQ33100PW Datasheet HTML 14Page - Texas Instruments BQ33100PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
bq33100
www.ti.com
SLUS987A
– JANUARY 2011 – REVISED MARCH 2011
OVERVIEW
Super Capacitor Measurements
The bq33100 measures the series capacitor voltages or stack voltage, current and temperature using a
delta-sigma analog-to-digital converter (ADC). The bq33100 uses this measured data and advanced algorithms
to determine the State-of-Health and available capacitance of the Super Capacitor .
Voltage
The bq33100 has two separate modes, Normal mode and Stack mode, where measurements and taken and
managed differently. The setting of Operation Cfg [STACK] to 1 enables Stack mode otherwise the bq33100
operates in normal mode.
The bq33100 updates the individual series capacitor voltages at one (1) second intervals when in Normal mode
and measurers the stack voltage at one (1) second intervals when in Stack mode . The internal ADC of the
bq33100 measures the voltage, scales, and offsets, and calibrates it appropriately. To ensure an accurate
differential voltage sensing, the IC ground should be connected directly to the most negative terminal of the
Super Capacitor stack, not to the positive side of the sense resistor. This minimizes the voltage drop across the
PCB trace.
Current, Charge and Discharge Counting
The delta-sigma ADC measures the system current of the Super Capacitor by measuring the voltage drop across
a small-value sense resistor (typically 5 m
Ω to 20 mΩ typ.) between the SRP and SRN pins. The ADC measures
bipolar signals from -0.20 V to 0.25 V.
Device Calibration
The bq33100 requires voltage calibration to maximize accuracy of the monitoring system, the bq33100
evaluation software can perform this calibration. The external filter resistors, connected from each capacitor to
the VCx input of the bq33100, are required to be 1k
Ω.
The bq33100 can automatically calibrate its offset between the A to D converter and the input of the high voltage
translation circuit during normal operation for maximum capacitor voltage measurement accuracy.
Temperature
The bq33100 has an internal temperature sensor and input for an external temperature sensor input, TS. The
external input is used in conjunction with an NTC thermistor (default is Semitec 103AT) to sense the Super
Capacitor temperature. The bq33100 can be configured to use internal or external temperature sensors.
Series Capacitor Configuration
The bq33100 can be used to monitor 2, 3, 4 or 5 capacitors in series. The appropriate connectivity for the
different options are detailed in the following table.
Table 2. Series Capacitor Connectivity
bq33100 Pin
5-Series
4-Series
3-Series
2-Series
VC1
P of Top (5th) Cap
P of 4th Cap
Short to VC2
Short to VC2
VC2
P of 4th Cap, N of 5th Cap
P of 3rd Cap, N of 4th
P of 3rd Cap
Short to VC3
Cap
VC3
P of 3rd Cap, N of 4th Cap
P of 2nd Cap, N of 3rd
P of 2nd Cap, N of 3rd Cap
P of 2nd Cap
Cap
VC4
P of 2nd Cap, N of 3rd Cap
P of Bottom (1st) Cap, N
P of Bottom (1st) Cap, N of 2nd
P of Bottom (1st) Cap, N of 2nd
of 2nd Cap
Cap
Cap
VC5
P of Bottom (1st) Cap, N of
N of Bottom Cap (1st)
N of Bottom Cap (1st)
N of Bottom Cap (1st)
2nd Cap
VSS
N of Bottom Cap (1st)
Short to VC5
Short to VC5
Short to VC5
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq33100


Similar Part No. - BQ33100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100PW TI1-BQ33100PW Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
BQ33100PWR TI1-BQ33100PWR Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
More results

Similar Description - BQ33100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100 TI1-BQ33100_15 Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
   Precision Capacitance Measurement System
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
MOSDESIGN SEMICONDUCTOR...
M320D MOSDESIGN-M320D Datasheet
129Kb / 5P
   LEARNING DECODER
2008-09-02
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
logo
Analog Devices
ADALM1000 AD-ADALM1000 Datasheet
898Kb / 2P
   ADALM1000 Active Learning Module
logo
Illinois Capacitor, Inc...
405DLR2R5K ILLINOISCAPACITOR-405DLR2R5K Datasheet
83Kb / 4P
   Super capacitor
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
AVX Corporation
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com