Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ33100PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ33100PWR
Description  Super Capacitor Manager Capacitance Learning ESR Measurement
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ33100PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ33100PWR Datasheet HTML 2Page - Texas Instruments BQ33100PWR Datasheet HTML 3Page - Texas Instruments BQ33100PWR Datasheet HTML 4Page - Texas Instruments BQ33100PWR Datasheet HTML 5Page - Texas Instruments BQ33100PWR Datasheet HTML 6Page - Texas Instruments BQ33100PWR Datasheet HTML 7Page - Texas Instruments BQ33100PWR Datasheet HTML 8Page - Texas Instruments BQ33100PWR Datasheet HTML 9Page - Texas Instruments BQ33100PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
bq33100
SLUS987A
– JANUARY 2011 – REVISED MARCH 2011
www.ti.com
REG27 LDO
Typical values stated where TA = 25°C and VCC = VCC = 14.4V, Min/Max values stated where TA = -40°C to 85°C and VCC
= VCC = 3.8V to 25V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG
Regulator output voltage
IREG27 = 10 mA
TA = –40°C to 85°C
2.5
2.7
2.75
V
VREG27IT–
Negative-going POR
At REG27
2.22
2.35
2.34
V
voltage
VREG27IT+
Positive-going POR
At REG27
2.25
2.5
2.6
V
voltage
Regulator output change
ΔV(REGTEMP)
IREG = 10 mA
TA = –40°C to 85°C
±0.5%
with temperature
ΔV(REGLINE)
Line regulation
IREG = 10 mA
±2
±4
mV
ΔV(REGLOAD)
Load regulation
IREG = 0.2 to 10 mA
±20
±40
mV
I(REGMAX)
Current limit
25
50
mA
COULOMB COUNTER
Typical values stated where TA = 25°C and VCC = VCC = 14.4V, Min/Max values stated where TA = -40°C to 85°C and VCC
= VCC = 3.8V to 25V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Input voltage range
-0.20
0.25
V
Conversion time
Single conversion
250
ms
Effective resolution
Single conversion
15
Bits
Integral nonlinearity
TA = –25°C to 85°C
±0.007
±0.034
%FSR
Offset error (1)
TA = –25°C to 85°C
10
μV
Offset error drift
0.3
0.5
μV/°C
Full-scale error(2)
–0.8%
0.2%
0.8%
Full-scale error drift
150
PPM/
°C
Effective input resistance
2.5
M
(1)
Post Calibration Performance
(2)
Uncalibrated performance. This gain error can be eliminated with external calibration.
ADC
Typical values stated where TA = 25°C and VCC = VCC = 14.4V, Min/Max values stated where TA = -40°C to 85°C and VCC
= VCC = 3.8V to 25V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Input voltage range
TS, VC5
–0.2
0.8
×VREG27
V
Conversion time
31.5
ms
Resolution (no missing codes)
16
Bits
Effective resolution
14
15
Bits
Integral nonlinearity
±0.020
%FSR
Offset error (1)
70
160
μV
Offset error drift
1
μV/°C
Full-scale error
VIN = 1 V
–0.8%
±0.2%
0.4%
Full
–scale error drift
150
PPM/
°C
Effective input resistance
8
M
(1)
Channel to channel offset
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): bq33100


Similar Part No. - BQ33100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100PWR TI1-BQ33100PWR Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
More results

Similar Description - BQ33100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100 TI1-BQ33100_15 Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
   Precision Capacitance Measurement System
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
MOSDESIGN SEMICONDUCTOR...
M320D MOSDESIGN-M320D Datasheet
129Kb / 5P
   LEARNING DECODER
2008-09-02
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
logo
Analog Devices
ADALM1000 AD-ADALM1000 Datasheet
898Kb / 2P
   ADALM1000 Active Learning Module
logo
Illinois Capacitor, Inc...
405DLR2R5K ILLINOISCAPACITOR-405DLR2R5K Datasheet
83Kb / 4P
   Super capacitor
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
AVX Corporation
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com