Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70229DSET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70229DSET
Description  300-mA, Low-IQ, Low-Dropout Regulator High PSRR: 68 dB at 1 kHz
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70229DSET Datasheet(HTML) 1 Page - Texas Instruments

  TLV70229DSET Datasheet HTML 1Page - Texas Instruments TLV70229DSET Datasheet HTML 2Page - Texas Instruments TLV70229DSET Datasheet HTML 3Page - Texas Instruments TLV70229DSET Datasheet HTML 4Page - Texas Instruments TLV70229DSET Datasheet HTML 5Page - Texas Instruments TLV70229DSET Datasheet HTML 6Page - Texas Instruments TLV70229DSET Datasheet HTML 7Page - Texas Instruments TLV70229DSET Datasheet HTML 8Page - Texas Instruments TLV70229DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLV702xx
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
TLV702xxDBV
SOT23-5
(TOPVIEW)
OUT
N/C
IN
GND
EN
1
2
3
5
4
EN
N/C
N/C
6
5
4
IN
GND
OUT
1
2
3
TLV702xxDSE
1,5mm
1,5mmSON
(TOPVIEW)
´
TLV702xx
www.ti.com
SLVSAG6B
– SEPTEMBER 2010 – REVISED FEBRUARY 2011
300-mA, Low-IQ, Low-Dropout Regulator
1
FEATURES
DESCRIPTION
234
Very Low Dropout:
The TLV702xx series of low-dropout (LDO) linear
regulators are low quiescent current devices with
– 37 mV at IOUT = 50 mA, VOUT = 2.8 V
excellent line and load transient performance. These
– 75 mV at IOUT = 100 mA, VOUT = 2.8 V
LDOs are designed for power-sensitive applications.
– 220mV at IOUT = 300 mA, VOUT = 2.8 V
A precision bandgap and error amplifier provides
2% Accuracy
overall 2% accuracy. Low output noise, very high
power-supply rejection ratio (PSRR), and low-dropout
Low IQ: 35 μA
voltage make this series of devices ideal for a wide
Fixed-Output Voltage Combinations Possible
selection of battery-operated handheld equipment. All
from 1.2 V to 4.8 V
device versions have thermal shutdown and current
limit for safety.
High PSRR: 68 dB at 1 kHz
Stable with Effective Capacitance of 0.1
μF(1)
Furthermore, these devices are stable with an
effective output capacitance of only 0.1
μF. This
Thermal Shutdown and Overcurrent Protection
feature enables the use of cost-effective capacitors
Packages: SOT23-5 and 1,5mm
× 1,5mm SON-6
that have higher bias voltages and temperature
(1)
See the Input and Output Capacitor Requirements in the
derating. The devices regulate to specified accuracy
Application Information section.
with no output load.
The TLV702xxP series also provides an active
APPLICATIONS
pulldown circuit to quickly discharge the outputs.
Wireless Handsets
The TLV702xx series of LDO linear regulators are
Smart Phones, PDAs
available in SOT23-5 and 1,5mm
× 1,5mm SON-6
MP3 Players
packages.
ZigBee® Networks
Bluetooth® Devices
Li-Ion Operated Handheld Products
WLAN and Other PC Add-on Cards
Typical Application Circuit
(Fixed-Voltage Versions)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG.
3
ZigBee is a registered trademark of the ZigBee Alliance.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV70229DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70229DSET TI1-TLV70229DSET Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70229DSET TI1-TLV70229DSET Datasheet
1Mb / 28P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70229DSET TI1-TLV70229DSET Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70229DSET TI1-TLV70229DSET Datasheet
1Mb / 32P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV70229DSET TI1-TLV70229DSET Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV70229DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703 Datasheet
857Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com