Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 3Page - Renesas Technology Corp 7549 Datasheet HTML 4Page - Renesas Technology Corp 7549 Datasheet HTML 5Page - Renesas Technology Corp 7549 Datasheet HTML 6Page - Renesas Technology Corp 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp 7549 Datasheet HTML 10Page - Renesas Technology Corp 7549 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
(3) Power Supply Current Standard Characteristics Example (Ta-Icc)
When system is operating in High-speed on-chip oscillator double-speed mode
When system is operating in High-speed on-chip oscillator high-speed mode
(external oscillation stop, output transistor is in the cut-off state)
(external oscillation stop, output transistor is in the cut-off state)
Fig. 29. Ta-Icc (High-speed on-chip oscillator double-speed mode)
Fig. 30. Ta-Icc (High-speed on-chip oscillator high-speed mode)
When system is operating in High-speed on-chip oscillator middle-speed mode
When system is operating in High-speed on-chip oscillator low-speed mode
(external oscillation stop, output transistor is in the cut-off state)
(external oscillation stop, output transistor is in the cut-off state)
Fig. 31. Ta-Icc (High-speed on-chip oscillator middle-speed mode)
Fig. 32. Ta-Icc (High-speed on-chip oscillator low-speed mode)
High-speed on-chip oscillator operating mode at WIT instruction executed
(external oscillation stop, output transistor is in the cut-off state)
Fig. 33. Ta-Icc (High-speed on-chip oscillator mode at WIT instruction executed)
Ta-Icc (Vcc=5V,A/D conversion not executed)
Ta-Icc (Vcc=5V,A/D conversion not executed)
Ta-Icc (Vcc=5V,A/D conversion not executed)
Operating Temperature Range Ta [°C]
Ta-Icc (Vcc=5V,WIT)
Operating Temperature Range Ta [°C]
Operating Temperature Range Ta [°C]
Operating Temperature Range Ta [°C]
Operating Temperature Range Ta [°C]
Ta-Icc (Vcc=5V,A/D conversion not executed)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
-30
-15
0
15
30
45
60
75
90
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-30
-15
0
15
30
45
60
75
90
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-30
-15
0
15
30
45
60
75
90
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-30
-15
0
15
30
45
60
75
90
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-30
-15
0
153045
607590
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 7 of 16


Similar Part No. - 7549

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7549 RENESAS-7549 Datasheet
1Mb / 73P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7549 RENESAS-7549 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7549 RENESAS-7549 Datasheet
1Mb / 86P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Molex Electronics Ltd.
75492 MOLEX-75492 Datasheet
318Kb / 3P
   1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
75492-1022 MOLEX9-75492-1022 Datasheet
282Kb / 6P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
More results

Similar Description - 7549

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3858 RENESAS-3858_08 Datasheet
169Kb / 8P
   Standard Characteristics
38D2 RENESAS-38D2_07 Datasheet
395Kb / 28P
   Standard Characteristics
4508 RENESAS-4508_06 Datasheet
245Kb / 26P
   Standard Characteristics
4559 RENESAS-4559_08 Datasheet
234Kb / 18P
   Standard Characteristics
3823 RENESAS-3823_07 Datasheet
353Kb / 26P
   Standard Characteristics
7545 RENESAS-7545_06 Datasheet
100Kb / 8P
   Standard Characteristics
4571 RENESAS-4571_08 Datasheet
161Kb / 14P
   Standard Characteristics
7546 RENESAS-7546_07 Datasheet
199Kb / 14P
   Standard Characteristics
M16C29 RENESAS-M16C29_07 Datasheet
288Kb / 17P
   Standard Characteristics
M16C26A-SC RENESAS-M16C26A-SC Datasheet
249Kb / 17P
   Standard Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com