Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7546 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 7546
Description  Standard Characteristics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 7546_07 Datasheet HTML 2Page - Renesas Technology Corp 7546_07 Datasheet HTML 3Page - Renesas Technology Corp 7546_07 Datasheet HTML 4Page - Renesas Technology Corp 7546_07 Datasheet HTML 5Page - Renesas Technology Corp 7546_07 Datasheet HTML 6Page - Renesas Technology Corp 7546_07 Datasheet HTML 7Page - Renesas Technology Corp 7546_07 Datasheet HTML 8Page - Renesas Technology Corp 7546_07 Datasheet HTML 9Page - Renesas Technology Corp 7546_07 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
7546/7547 Group Standard Characteristics
M37546G2-XXXSP/GP/HP,M37546G4-XXXSP/GP/HP,M37547G2-XXXFP,M37547G4-XXXFP,
M37546G2SP/GP/HP,M37546G4SP/GP/HP,M37547G2FP,M37547G4FP
(4) Port Standard characteristics Example (VOH-IOH)
VOH-IOH
VOH-IOH
(Vcc = 5.0 V, Ports P0, P1, P2, P3)
(Vcc = 3.0 V, Ports P0, P1, P2, P3)
Fig. 23. VOH-IOH (Vcc = 5.0 V, Ports P0, P1, P2, P3)
Fig. 24. VOH-IOH (Vcc = 3.0 V, Ports P0, P1, P2, P3)
(5) Port Standard Characteristics Example (VOL-IOL)
VOL-IOL
VOL-IOL
(Vcc = 5.0 V, Ports P0, P3 "Drivability = High")
(Vcc = 3.0 V, Ports P0, P3 "Drivability = High")
Fig. 25. VOL-IOL (Vcc = 5.0 V, Ports P0, P3 "Drivability = High")
Fig. 26. VOL-IOL (Vcc = 3.0 V, Ports P0, P3 "Drivability = High")
VOL-IOL
VOL-IOL
(Vcc = 5.0 V, Ports P0, P3 "Drivability = Low", and Ports P1, P2)
(Vcc = 3.0 V, Ports P0, P3 "Drivability = Low", and Ports P1, P2)
Fig. 27. VOL-IOL (Vcc = 5.0 V, Ports P0, P3 "Drivability = Low", and Ports P1, P2)
Fig. 28. VOL-IOL (Vcc = 3.0 V, Ports P0, P3 "Drivability = Low", and Ports P1, P2)
QzROM version
"L" Output Voltage VOL [V]
QzROM version
QzROM version
QzROM version
QzROM version
"H" Output Voltage VOH [V]
"H" Output Voltage VOH [V]
"L" Output Voltage VOL [V]
"L" Output Voltage VOL [V]
QzROM version
"L" Output Voltage VOL [V]
-50
-40
-30
-20
-10
0
012
345
Ta = -25 °C
Ta = 25 °C
Ta = 90 °C
-20
-15
-10
-5
0
0123
Ta = -25 °C
Ta = 25 °C
Ta = 90°C
0
10
20
30
40
50
60
70
80
90
100
012345
Ta = -25 °C
Ta = 25 °C
Ta = 90 °C
0
10
20
30
40
50
60
012
345
Ta = -25 °C
Ta = 25 °C
Ta = 90 °C
0
5
10
15
20
25
30
35
40
45
50
01
23
Ta = -25 °C
Ta = 25 °C
Ta = 90 °C
0
5
10
15
20
25
30
01
23
Ta = -25 °C
Ta = 25 °C
Ta = 90 °C
REJ99B1149-0200
©2007. Renesas Technology Corp., All rights reserved.
Page 6 of 12
February 2007


Similar Part No. - 7546_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
75460 TI-75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
Molex Electronics Ltd.
75460-0001 MOLEX-75460-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75462-0001 MOLEX-75462-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75462-5001 MOLEX9-75462-5001 Datasheet
268Kb / 3P
   Small Form-factor Pluggable (SFP) Stacked 2-by-1 Multi-Port Connector with Press-fitPC Tails, 40 Circuits, Lead Free
logo
Texas Instruments
75464 TI-75464 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
More results

Similar Description - 7546_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3858 RENESAS-3858_08 Datasheet
169Kb / 8P
   Standard Characteristics
38D2 RENESAS-38D2_07 Datasheet
395Kb / 28P
   Standard Characteristics
4508 RENESAS-4508_06 Datasheet
245Kb / 26P
   Standard Characteristics
4559 RENESAS-4559_08 Datasheet
234Kb / 18P
   Standard Characteristics
3823 RENESAS-3823_07 Datasheet
353Kb / 26P
   Standard Characteristics
7545 RENESAS-7545_06 Datasheet
100Kb / 8P
   Standard Characteristics
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
4571 RENESAS-4571_08 Datasheet
161Kb / 14P
   Standard Characteristics
M16C29 RENESAS-M16C29_07 Datasheet
288Kb / 17P
   Standard Characteristics
M16C26A-SC RENESAS-M16C26A-SC Datasheet
249Kb / 17P
   Standard Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com