Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-DSW-10W Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AB-DSW-10W
Description  Ø172x80mm LED Down Light
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-DSW-10W Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AB-DSW-10W Datasheet HTML 1Page - A-BRIGHT Inc AB-DSW-10W Datasheet HTML 2Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AB-DSW-10W
Diff No.
Ø172x80mm
LED Down Light
Type:
1
Product Photo:
Features:
LED power : 10 W.
Dimension : Ø172 × 80mm.
Emitted color : Warm White.
Chip material : InGaN.
Long life LED span to 50,000 hours.
High luminance, Lower power consumption.
No UV or IR radition.
Long life LEDs.


Similar Part No. - AB-DSW-10W

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-DSW-10W A-BRIGHT-AB-DSW-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
AB-DSW-10W A-BRIGHT-AB-DSW-10W_15 Datasheet
126Kb / 2P
   LED Down Light
More results

Similar Description - AB-DSW-10W

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-DW0-10W A-BRIGHT-AB-DW0-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
AB-DW0-10W A-BRIGHT-AB-DW0-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
AB-DSW-10W A-BRIGHT-AB-DSW-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
logo
PARA LIGHT ELECTRONICS ...
DLF26WCWE2 PARALIGHT-DLF26WCWE2 Datasheet
261Kb / 4P
   LED Down Light
DLF26WCWE1 PARALIGHT-DLF26WCWE1 Datasheet
262Kb / 4P
   LED Down Light
logo
A-BRIGHT Inc
AB-DSW-15W A-BRIGHT-AB-DSW-15W_15 Datasheet
205Kb / 2P
   LED Down Light
logo
PARA LIGHT ELECTRONICS ...
DLF33WCWE2 PARALIGHT-DLF33WCWE2 Datasheet
262Kb / 4P
   LED Down Light
logo
A-BRIGHT Inc
AB-DW0-10W A-BRIGHT-AB-DW0-10W_15 Datasheet
126Kb / 2P
   LED Down Light
AB-DSW-10W A-BRIGHT-AB-DSW-10W_15 Datasheet
126Kb / 2P
   LED Down Light
AB-DW0-15W A-BRIGHT-AB-DW0-15W_15 Datasheet
205Kb / 2P
   LED Down Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com