Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42-0040 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AM42-0040
Description  GaAs MMIC VSAT Power Amplifier 2.0 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0040 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM42-0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
GaAs MMIC VSAT Power Amplifier 2.0 W
5.9 - 6.4 GHz
Rev. V5
AM42-0040
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Input and Output Return Loss vs. Frequency
Output Power vs. Input Power @ 6.15 GHz
PAE vs. Input Power @ 6.15 GHz
Typical Performance Curves @ +25°C
Output Power vs. Frequency @ PIN = +10 dBm
PAE vs. Frequency @ PIN = +10 dBm
Linear Gain vs. Frequency
-40
-30
-20
-10
0
10
20
30
40
3.0
3.5 4.0 4.5 5.0 5.5
6.0 6.5 7.0 7.5 8.0
8.5 9.0
Frequency (GHz)
0
5
10
15
20
25
30
35
4.0
4.4
4.8
5.2
5.6
6.0
6.4
6.8
7.2
7.6
8.0
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0
S11
S22
Frequency (GHz)
0
5
10
15
20
25
30
4.0
4.4
4.8
5.2
5.6
6.0
6.4
6.8
7.2
7.6
8.0
Frequency (GHz)
0
5
10
15
20
25
02
46
8
10
12
14
PIN (dBm)
30
31
32
33
34
35
02
4
6
8
10
12
14
PIN (dBm)


Similar Part No. - AM42-0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
AM42-0040 MACOM-AM42-0040 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
More results

Similar Description - AM42-0040

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com