Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA214P50IRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISLA214P50IRZ
Description  14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P50IRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISLA214P50IRZ Datasheet HTML 6Page - Intersil Corporation ISLA214P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA214P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA214P50IRZ Datasheet HTML 9Page - Intersil Corporation ISLA214P50IRZ Datasheet HTML 10Page - Intersil Corporation ISLA214P50IRZ Datasheet HTML 11Page - Intersil Corporation ISLA214P50IRZ Datasheet HTML 12Page - Intersil Corporation ISLA214P50IRZ Datasheet HTML 13Page - Intersil Corporation ISLA214P50IRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ISLA214P50
10
FN7571.1
March 15, 2011
Spurious-Free Dynamic Range
(Note 8)
SFDR
fIN = 30MHz
84
dBc
fIN = 105MHz
72
82
dBc
fIN = 190MHz
78
dBc
fIN = 363MHz
76
dBc
fIN = 461MHz
66
dBc
fIN = 605MHz
61
dBc
Spurious-Free Dynamic Range
Excluding H2,H3 (Note 8)
SFDRX23
fIN = 30MHz
88
dBc
fIN = 105MHz
89
dBc
fIN = 190MHz
88
dBc
fIN = 363MHz
83
dBc
fIN = 461MHz
84
dBc
fIN = 605MHz
77
dBc
Intermodulation Distortion
IMD
fIN = 70MHz
88
dBFS
fIN = 170MHz
96
dBFS
Word Error Rate
WER
10-12
Full Power Bandwidth
FPBW
700
MHz
NOTES:
5. Compliance to datasheet limits is assured by one of the following methods: production test, characterization and/or design.
6. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load on each
digital output.
7. The DLL Range setting must be changed for low speed operation.
8. Minimum specification guaranteed when calibrated at +85°C.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 500MSPS. Boldface limits apply over the
operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA214P50
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
INPUTS (Note 9)
Input Current High (RESETN)
IIH
VIN = 1.8V
0
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
-25
-12
-8
µA
Input Current High (SDIO)
IIH
VIN = 1.8V
4
12
µA
Input Current Low (SDIO)
IIL
VIN = 0V
-600
-415
-300
µA
Input Current High (CSB)
IIH
VIN = 1.8V
40
58
75
µA
Input Current Low (CSB)
IIL
VIN = 0V
5
10
µA
Input Current High (CLKDIV)
IIH
16
25
34
µA
Input Current Low (CLKDIV)
IIL
-34
-25
-16
µA
Input Voltage High (SDIO, RESETN)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN)
VIL
.63
V
Input Capacitance
CDI
4pF
LVDS INPUTS (CLKRSTP,CLKRSTN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (peak to peak, single-ended)
VID
250
450
mV


Similar Part No. - ISLA214P50IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA214P50IRZ RENESAS-ISLA214P50IRZ Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
More results

Similar Description - ISLA214P50IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com