Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5236ISZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5236ISZ
Description  Dual Ultra Low Noise Wideband Amplifiers Voltage Noise: 1.5nV/?숰z
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5236ISZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL5236ISZ Datasheet HTML 1Page - Intersil Corporation EL5236ISZ Datasheet HTML 2Page - Intersil Corporation EL5236ISZ Datasheet HTML 3Page - Intersil Corporation EL5236ISZ Datasheet HTML 4Page - Intersil Corporation EL5236ISZ Datasheet HTML 5Page - Intersil Corporation EL5236ISZ Datasheet HTML 6Page - Intersil Corporation EL5236ISZ Datasheet HTML 7Page - Intersil Corporation EL5236ISZ Datasheet HTML 8Page - Intersil Corporation EL5236ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EL5236, EL5237
3
FN7833.0
March 31, 2011
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
EL5236IYZ
BBBSA
-40 to +85
8 Ld MSOP (3.0mm)
M8.118A
EL5236ISZ
5236ISZ
-40 to +85
8 Ld SOIC (150 mil)
M8.15E
EL5237IYZ
BBBTA
-40 to +85
10 Ld MSOP (3.0mm)
M10.118A
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for EL5236, EL5237. For more information on MSL please see techbrief
TB363.


Similar Part No. - EL5236ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5234 RENESAS-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5234IY INTERSIL-EL5234IY Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5236ISZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
logo
Burr-Brown (TI)
OPA847 BURR-BROWN-OPA847 Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
ZN459 ETC1-ZN459 Datasheet
400Kb / 8P
   ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
logo
Texas Instruments
LMH6622 TI1-LMH6622 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com