Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5236ISZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5236ISZ
Description  Dual Ultra Low Noise Wideband Amplifiers Voltage Noise: 1.5nV/?숰z
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5236ISZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL5236ISZ Datasheet HTML 1Page - Intersil Corporation EL5236ISZ Datasheet HTML 2Page - Intersil Corporation EL5236ISZ Datasheet HTML 3Page - Intersil Corporation EL5236ISZ Datasheet HTML 4Page - Intersil Corporation EL5236ISZ Datasheet HTML 5Page - Intersil Corporation EL5236ISZ Datasheet HTML 6Page - Intersil Corporation EL5236ISZ Datasheet HTML 7Page - Intersil Corporation EL5236ISZ Datasheet HTML 8Page - Intersil Corporation EL5236ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
EL5236, EL5237
5
FN7833.0
March 31, 2011
OUTPUT CHARACTERISTICS
Output Swing High
VOH
RL = 500Ω
4.8
4.9
V
RL = 150Ω
4.5
4.7
V
Output Swing Low
VOL
RL = 500Ω
-4.8
-4.7
V
RL = 150Ω
-4.6
-4.5
V
Short Circuit Current
ISC
RL = 10Ω (Sourcing and Sinking)
110
160
mA
POWER SUPPLY PERFORMANCE
Power Supply Rejection Ratio
PSRR VS is moved from ±5.4V to ±6.6V
75
85
dB
Supply Current Enable (Per Amplifier)
IS ON No load
5.8
7
mA
Supply Current Disable (Per Amplifier) (EL5237)
IS OFF +VS
220
µA
-VS
-26
-16
µA
Operating Range
VS
Single Supply
5
12
V
ENABLE (EL5237)
Enable Time
tEN
125
ns
Disable Time
tDIS
336
ns
EN Pin Input High Current
IIHEN EN = VS+17
20
µA
EN Pin Input Low Current
IILEN EN = VS--1
0.1
µA
EN Pin Input High Voltage for Power-down
VIHEN
VS+ -1
V
EN Pin Input Low Voltage for Power-up
VIHEN
VS- +3
V
Electrical Specifications VS+ = +6V, VS- = -6V, RL = 500Ω, RF = RG = 620Ω, VCM = 0V, and TA = +25°C, Unless Otherwise
Specified. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
Electrical Specifications VS+ = +2.5V, VS- = -2.5V, RL = 500Ω, RF = RG = 620Ω, VCM = 0V, and TA = +25°C, Unless Otherwise
Specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBWP
300
MHz
Slew Rate
SR
VO = ±1.25V square wave, measured 25% to 75%
80
110
V/µs
Settling to 0.1% (AV = +2)
tS
AV = +2, VO = ±1V
25
ns
-3dB Bandwidth
BW1
AV = -1
175
MHz
-3dB Bandwidth
BW2
AV = +2
250
MHz
2nd Harmonic Distortion
HD2
f = 1MHz, VO = 2VP-P, RL = 500Ω
-94
dBc
3rd Harmonic Distortion
HD3
f = 1MHz, VO = 2VP-P, RL = 500Ω
-100
dBc
Voltage Noise
en
f = 100kHz
1.5
nV/
√Hz
Current Noise
in
f = 100kHz
1.7
pA/
√Hz
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
VCM = 0V
-3
-0.2
+3
mV
Average Offset Voltage Drift
TCVOS
-0.3
µV/°C
Input Bias Current
IB
VCM = 0V
6.5
9
µA
Input Offset Current
IOS
-500
50
500
nA


Similar Part No. - EL5236ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5234 RENESAS-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5234IY INTERSIL-EL5234IY Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5236ISZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
logo
Burr-Brown (TI)
OPA847 BURR-BROWN-OPA847 Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
ZN459 ETC1-ZN459 Datasheet
400Kb / 8P
   ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
logo
Texas Instruments
LMH6622 TI1-LMH6622 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com