Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5237IYZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5237IYZ
Description  Dual Ultra Low Noise Wideband Amplifiers Voltage Noise: 1.5nV/?숰z
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5237IYZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5237IYZ Datasheet HTML 4Page - Intersil Corporation EL5237IYZ Datasheet HTML 5Page - Intersil Corporation EL5237IYZ Datasheet HTML 6Page - Intersil Corporation EL5237IYZ Datasheet HTML 7Page - Intersil Corporation EL5237IYZ Datasheet HTML 8Page - Intersil Corporation EL5237IYZ Datasheet HTML 9Page - Intersil Corporation EL5237IYZ Datasheet HTML 10Page - Intersil Corporation EL5237IYZ Datasheet HTML 11Page - Intersil Corporation EL5237IYZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
EL5236, EL5237
8
FN7833.0
March 31, 2011
FIGURE 8. NON-INVERTING HD2 AND HD3 vs GAIN
FIGURE 9. INVERTING HD2 AND HD3 vs GAIN
FIGURE 10. NON-INVERTING HD2 AND HD3 vs OUTPUT VP-P
FIGURE 11. INVERTING HD2 AND HD3 vs OUTPUT VP-P
FIGURE 12. NON-INVERTING HD2 AND HD3 vs RLOAD
FIGURE 13. INVERTING HD2 AND HD3 vs RLOAD
Typical Performance Curves V
S = ±6V, TA ≈ +25°C, AV = +2V/V, RF = 402Ω, RLOAD = 500Ω, unless otherwise
specified. (Continued)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
1M
10M
FREQUENCY (Hz)
AV = +2 2nd HD(dBc)
AV = +6 2nd HD(dBc)
AV = +4 2nd HD(dBc)
AV = +8 3rd HD(dBc)
AV = +8 2nd HD(dBc)
AV = +4 3rd HD(dBc)
AV = +2 3rd HD(dBc)
AV = +6 3rd HD(dBc)
2VOPP
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (Hz)
AV = -1 2nd HD(dBc)
AV = -1 3rd HD(dBc)
AV = -8 3rd HD(dBc)
AV = -8 2nd HD(dBc)
AV = -4 3rd HD(dBc)
AV = -2 3rd HD(dBc)
AV = -4 2nd HD(dBc)
AV = -2 2nd HD(dBc)
2VOPP
1M
10M
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
VO = 2VP-P 2nd HD(dBc)
VO = 500mVP-P 3rd HD(dBc)
VO = 1VP-P 2nd HD(dBc)
VO = 2VP-P 3rd HD(dBc)
VO = 1VP-P 3rd HD(dBc)
VO = 500mVP-P 2nd HD(dBc)
FREQUENCY (Hz)
1M
10M
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (Hz)
VO = 500mVP-P 3rd HD(dBc)
VO = 500mVP-P 2nd HD(dBc)
VO = 2VP-P 3rd HD(dBc)
VO = 2VP-P 2nd HD(dBc)
VO = 1VP-P 2nd HD(dBc)
VO = 1VP-P 3rd HD(dBc)
1M
10M
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (Hz)
RL = 500Ω 2nd HD(dBc)
RL = 1kΩ 2nd HD(dBc)
RL = 200Ω 3rd HD(dBc)
RL = 200Ω 2nd HD(dBc)
RL = 500Ω 3rd HD(dBc)
RL = 100Ω 3rd HD(dBc)
RL = 100Ω 2nd HD(dBc)
RL = 1kΩ 3rd HD(dBc)
1M
10M
2VOPP
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (Hz)
RL = 100Ω 3rd HD(dBc)
RL = 100Ω 2nd HD(dBc)
RL = 1kΩ 2nd HD(dBc)
RL = 200Ω 3rd HD(dBc)
RL = 1kΩ 3rd HD(dBc)
RL = 500Ω 3rd HD(dBc)
RL = 200Ω 2nd HD(dBc)
RL = 500Ω 2nd HD(dBc)
1M
10M
2VOPP


Similar Part No. - EL5237IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5234 RENESAS-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5234IY INTERSIL-EL5234IY Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5237IYZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
logo
Burr-Brown (TI)
OPA847 BURR-BROWN-OPA847 Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
ZN459 ETC1-ZN459 Datasheet
400Kb / 8P
   ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
logo
Texas Instruments
LMH6622 TI1-LMH6622 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com