Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7S3218T4C Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K7S3218T4C
Description  1Mx36 & 2Mx18 QDR II b4 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7S3218T4C Datasheet(HTML) 4 Page - Samsung semiconductor

  K7S3218T4C Datasheet HTML 1Page - Samsung semiconductor K7S3218T4C Datasheet HTML 2Page - Samsung semiconductor K7S3218T4C Datasheet HTML 3Page - Samsung semiconductor K7S3218T4C Datasheet HTML 4Page - Samsung semiconductor K7S3218T4C Datasheet HTML 5Page - Samsung semiconductor K7S3218T4C Datasheet HTML 6Page - Samsung semiconductor K7S3218T4C Datasheet HTML 7Page - Samsung semiconductor K7S3218T4C Datasheet HTML 8Page - Samsung semiconductor K7S3218T4C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1Mx36 & 2Mx18 QDRTM II+ b4 SRAM
K7S3236T4C
K7S3218T4C
- 4 -
Rev. 1.3 August 2008
PIN CONFIGURATIONS(TOP VIEW) K7S3236T4C (1Mx36)
Notes : 1. * Checked No Connect(NC) pins are reserved for higher density address, i.e. 3A for 72Mb, 10A for 144Mb and 2A for 288Mb.
2. BW0 controls write to D0:D8, BW1 controls write to D9:D17, BW2 controls write to D18:D26 and BW3 controls write to D27:D35.
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA*
NC/SA*
W
BW2
K
BW1
R
SA
NC/SA*
CQ
B
Q27
Q18
D18
SA
BW3
KBW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
NC
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SASA
QVLD
SASA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
NC
SA
SA
SA
TMS
TDI
PIN NAME
Notes:
1. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
2. Not connected to chip pad internally.
3. K, K can not be set to VREF voltage.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTE
K, K
6B, 6A
Input Clock
QVLD
6P
Q Valid output
CQ, CQ
11A, 1A
Output Echo Clock
Doff
1H
DLL Disable
SA
9A,4B,8B,5C,7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-35
10P,11N,11M,10K,11J,11G,10E,11D,11C,10N,9M,9L
9J,10G,9F,10D,9C,9B,3B,3C,2D,3F,2G,3J,3L,3M,2N
1C,1D,2E,1G,1J,2K,1M,1N,2P
Data Inputs
Q0-35
11P,10M,11L,11K,10J,11F,11E,10C,11B,9P,9N,10L
9K,9G,10F,9E,9D,10B,2B,3D,3E,2F,3G,3K,2L,3N
3P,1B,2C,1E,1F,2J,1K,1L,2M,1P
Data Outputs
W
4A
Write Control Pin,active when low
R
8A
Read Control Pin,active when low
BW0, BW1,BW2, BW3
7B,7A,5A,5B
Block Write Control Pin,active when low
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control Input
1
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply (1.8 V)
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply (1.5V)
VSS
4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M,8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
2A,3A,10A,6C,6R
No Connect
2


Similar Part No. - K7S3218T4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S3218T4C SAMSUNG-K7S3218T4C Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3218T4C-FECI33 SAMSUNG-K7S3218T4C-FECI33 Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3218T4C-FECI40 SAMSUNG-K7S3218T4C-FECI40 Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
More results

Similar Description - K7S3218T4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684C SAMSUNG-K7R323684C Datasheet
463Kb / 20P
   1Mx36, 2Mx18 & 4Mx9 QDR II b4 SRAM
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7R323682C SAMSUNG-K7R323682C Datasheet
458Kb / 20P
   1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7J323682C SAMSUNG-K7J323682C Datasheet
415Kb / 18P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com