Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8P5516UZB Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K8P5516UZB
Description  256Mb B-die NOR FLASH
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8P5516UZB Datasheet(HTML) 3 Page - Samsung semiconductor

  K8P5516UZB Datasheet HTML 1Page - Samsung semiconductor K8P5516UZB Datasheet HTML 2Page - Samsung semiconductor K8P5516UZB Datasheet HTML 3Page - Samsung semiconductor K8P5516UZB Datasheet HTML 4Page - Samsung semiconductor K8P5516UZB Datasheet HTML 5Page - Samsung semiconductor K8P5516UZB Datasheet HTML 6Page - Samsung semiconductor K8P5516UZB Datasheet HTML 7Page - Samsung semiconductor K8P5516UZB Datasheet HTML 8Page - Samsung semiconductor K8P5516UZB Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
- 3 -
K8P5516UZB-P(E)/I(C)(E)/4E
datasheet NOR FLASH MEMORY
Rev. 1.3
1.1
- NOTE is deleted. Related NOTE is below.
Apr. 02, 2009
Final
-
NOTE :
The device supports only 4E at VIO = 1.7~1.95V.
- Package dimension of 56-TSOP is revised.
1.2
- Revised Hardware Sequence Flags Table.
Jun. 02, 2009
Final
-
- Deleted DQ6 as Customer OTP Lock information in 12. OTP Block
Region.
1.3
- Correct typo
May 12, 2010
Final
-


Similar Part No. - K8P5516UZB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8P5616UZB SAMSUNG-K8P5616UZB Datasheet
1Mb / 60P
   256Mb B-die Page NOR FLASH
More results

Similar Description - K8P5516UZB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8P5616UZB SAMSUNG-K8P5616UZB Datasheet
1Mb / 60P
   256Mb B-die Page NOR FLASH
K8S5615ETC SAMSUNG-K8S5615ETC Datasheet
1Mb / 65P
   256Mb C-die NOR Flash
K8A56ETC SAMSUNG-K8A56ETC Datasheet
1Mb / 64P
   256Mb C-die NOR FLASH
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
K8S1215ETC SAMSUNG-K8S1215ETC Datasheet
1Mb / 83P
   512Mb C-die NOR FLASH
K8P2815UQC SAMSUNG-K8P2815UQC Datasheet
1Mb / 62P
   128Mb C-die NOR FLASH
K8A1215ETC SAMSUNG-K8A1215ETC Datasheet
1Mb / 84P
   512Mb C-die NOR FLASH
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
K8S6815ETD SAMSUNG-K8S6815ETD Datasheet
1Mb / 48P
   64Mb D-die SLC NOR FLASH
K8P2716UZC SAMSUNG-K8P2716UZC Datasheet
1Mb / 56P
   128Mb C-die Page NOR Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com